Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM210 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM210
Description  0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM210 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM210 Datasheet HTML 4Page - Analog Devices ADM210 Datasheet HTML 5Page - Analog Devices ADM210 Datasheet HTML 6Page - Analog Devices ADM210 Datasheet HTML 7Page - Analog Devices ADM210 Datasheet HTML 8Page - Analog Devices ADM210 Datasheet HTML 9Page - Analog Devices ADM210 Datasheet HTML 10Page - Analog Devices ADM210 Datasheet HTML 11Page - Analog Devices ADM210 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
0
40
2
0
6
4
8
10
30
20
10
| V– |
I
OUT — mA
V+
Figure 15. Charge Pump V+, V– vs. Current
18
4
2500
10
6
8
0
16
12
14
2000
1500
1000
500
CAPACITIVE LOAD – pF
Figure 16. Transmitter Slew Rate vs. Load Capacitance
4
5.0
6
3.0
10
8
4.0
V
CC – V
V
OUT (1 O/P LOADED)
V
OUT (ALL O/Ps LOADED)
Figure 17. Transmitter Output Voltage vs. VCC
12
0
8
2
0
6
4
8
10
6
4
2
T
OUT HIGH
T
OUT LOW
I
OUT – mA
Figure 18. Transmitter Output Voltage vs. Current
0
5
100
3
300
200
4
V
CC – V
V– (LOADED)
V– (UNLOADED)
V+ (UNLOADED)
V+ (LOADED)
Figure 19. Charge Pump Impedance vs. VCC
–8–
REV. 0
ADM205–ADM211/ADM213–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com