Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM231L Datasheet(PDF) 9 Page - Analog Devices

Part # ADM231L
Description  5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM231L Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM231L Datasheet HTML 5Page - Analog Devices ADM231L Datasheet HTML 6Page - Analog Devices ADM231L Datasheet HTML 7Page - Analog Devices ADM231L Datasheet HTML 8Page - Analog Devices ADM231L Datasheet HTML 9Page - Analog Devices ADM231L Datasheet HTML 10Page - Analog Devices ADM231L Datasheet HTML 11Page - Analog Devices ADM231L Datasheet HTML 12Page - Analog Devices ADM231L Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM223/ADM230L–ADM241L
–9–
REV. 0
ADM241L
SD
GND
10
25
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
R3
IN
R4
IN
R5
IN
R3
OUT
R4
OUT
R5
OUT
R5
R4
R3
24
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
EN
18
27
23
19
22
26
R1
IN
R2
IN
R1
OUT
R2
OUT
R2
R1
9
4
5
8
T1
IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
T2
IN
T3
IN
T4
IN
T2
OUT
T3
OUT
T4
OUT
T3
20
7
6
3
2
1
T4
T2
T1
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
16
15
14
12
17
1
µF
16V
13
1
µF
6.3V
+5V INPUT
V
CC
V+
V–
C1+
C1–
C2+
C2–
1
µF
16V
1
µF
16V
21
28
11
1
µF
Figure 22. ADM241L Typical Operating Circuit
ADM223
GND
10
25
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
R3
IN
R4
IN
R5
IN
R3
OUT
R4
OUT
R5
OUT
R5
R4
R3
24
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
NOTE: RECEIVERS R4 AND R5 REMAIN ACTIVE IN SHUTDOWN.
EN
SD
18
27
23
19
22
26
R1
IN
R2
IN
R1
OUT
R2
OUT
R2
R1
9
4
5
8
T1
IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
T2
IN
T3
IN
T4
IN
T2
OUT
T3
OUT
T4
OUT
T3
20
7
6
3
2
1
T4
T2
T1
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
16
15
14
12
17
1
µF
16V
13
1
µF
6.3V
+5V INPUT
V
CC
V+
V–
C1+
C1–
C2+
C2–
1
µF
16V
1
µF
16V
21
28
11
1
µF
Figure 24. ADM223 Typical Operating Circuit
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
6
23
TOP VIEW
(Not to Scale)
13
14
16
15
ADM241L
R2OUT
R2IN
R5IN
T4IN
R3IN
T1OUT
T2OUT
T3OUT
T4OUT
R5OUT
V+
V–
VCC
C1+
C1–
C2+
C2–
GND
SD
R3OUT
EN
T3IN
R4IN
R4OUT
R1IN
R1OUT
T1IN
T2IN
Figure 21. ADM241L SOIC/SSOP Pin Configuration
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
6
23
TOP VIEW
(Not to Scale)
13
14
16
15
ADM223
R2OUT
R2IN
R5IN
T4IN
R3IN
T1OUT
T2OUT
T3OUT
T4OUT
R5OUT
V+
V–
VCC
C1+
C1–
C2+
C2–
GND
R3OUT
EN
SD
T3IN
R4IN
R4OUT
R1IN
R1OUT
T1IN
T2IN
Figure 23. ADM223 SOIC/SSOP Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com