Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM222AR Datasheet(PDF) 3 Page - Analog Devices

Part # ADM222AR
Description  High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM222AR Datasheet(HTML) 3 Page - Analog Devices

  ADM222AR Datasheet HTML 1Page - Analog Devices ADM222AR Datasheet HTML 2Page - Analog Devices ADM222AR Datasheet HTML 3Page - Analog Devices ADM222AR Datasheet HTML 4Page - Analog Devices ADM222AR Datasheet HTML 5Page - Analog Devices ADM222AR Datasheet HTML 6Page - Analog Devices ADM222AR Datasheet HTML 7Page - Analog Devices ADM222AR Datasheet HTML 8Page - Analog Devices ADM222AR Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ADM222/ADM232A/ADM242
REV. 0
–3–
ABSOLUTE MAXIMUM RATINGS
*
(T
A = +25˚C unless otherwise noted)
V
CC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (V
CC – 0.3 V) to +13 V
V– . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –13 V
Input Voltages
T
IN
. . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (V
CC + 0.3 V)
R
IN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Output Voltages
T
OUT
. . . . . . . . . . . . . . . . . . . . (V+, +0.3 V) to (V–, –0.3 V)
R
OUT
. . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (V
CC + 0.3 V)
Short Circuit Duration
T
OUT
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Power Dissipation N-16 . . . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7.5 mW/
°C above +70°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 80°C/W
Power Dissipation R-16N . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7 mW/
°C above +70°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 80°C/W
Power Dissipation R-16W . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7 mW/
°C above +70°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 80°C/W
Power Dissipation N-18 . . . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7 mW/
°C above +70°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 80°C/W
Power Dissipation R-18W . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7 mW/
°C above +70°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 80°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
Test Circuits
Figure 1. Transmitter Propagation Delay Timing
V–
V+
0V
VOUT
tPHLT
tPLHT
+3V
VIN
Figure 3. Receiver Propagation Delay Timing
Figure 4. Receiver Disable Timing
Figure 2. Receiver Enable Timing
tDR
VOH –0.5V
RECEIVER
OUTPUT
EN
INPUT
VOL + 0.5V
VOH
VOL
0V
3V
+0.8V
+3V
tER
+3.5V
RECEIVER
OUTPUT
EN
INPUT
0V
GND
VCC
50%
VIN
VOUT
tPLHR
tPHLR
+3V
0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com