Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOTF22N50 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF22N50
Description  500V,22A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF22N50 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF22N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF22N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF22N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF22N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF22N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF22N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOT22N50/AOTF22N50
Symbol
Min
Typ
Max
Units
500
600
BVDSS
/∆TJ
0.57
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3.4
4
4.5
V
RDS(ON)
0.21
0.26
Ω
gFS
25
S
VSD
0.7
1
V
IS
Maximum Body-Diode Continuous Current
22
A
ISM
88
A
Ciss
2465
3086
3710
pF
Coss
200
290
380
pF
Crss
14
24
35
pF
Rg
0.7
1.4
2.1
Ω
Qg
55
69
83
nC
Qgs
17
22
27
nC
Qgd
12
24
36
nC
tD(on)
60
ns
tr
122
ns
tD(off)
124
ns
V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
Maximum Body-Diode Pulsed Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
Turn-Off DelayTime
VGS=10V, VDS=250V, ID=22A,
RG=25Ω
Gate resistance
DYNAMIC PARAMETERS
Static Drain-Source On-Resistance
VGS=10V, ID=11A
Reverse Transfer Capacitance
VGS=0V, VDS=25V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=10V, VDS=400V, ID=22A
Turn-On Rise Time
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
Diode Forward Voltage
IS=1A,VGS=0V
VDS=40V, ID=11A
Forward Transconductance
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
VDS=400V, TJ=125°C
Zero Gate Voltage Drain Current
VDS=500V, VGS=0V
µA
VDS=0V, VGS=±30V
VDS=5V ID=250µA
IDSS
Zero Gate Voltage Drain Current
ID=250µA, VGS=0V
BVDSS
tD(off)
124
ns
tf
77
ns
trr
415
524
630
ns
Qrr
7.5
9.6
12
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=22A,dI/dt=100A/µs,VDS=100V
Turn-Off DelayTime
G
Body Diode Reverse Recovery Time
IF=22A,dI/dt=100A/µs,VDS=100V
Turn-Off Fall Time
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial
T
J =25°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. L=60mH, I
AS=7A, VDD=150V, RG=25Ω, Starting TJ=25°C
Rev1: Dec 2011
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com