Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM660 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM660
Description  CMOS Switched-Capacitor Voltage Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM660 Datasheet(HTML) 8 Page - Analog Devices

  ADM660 Datasheet HTML 1Page - Analog Devices ADM660 Datasheet HTML 2Page - Analog Devices ADM660 Datasheet HTML 3Page - Analog Devices ADM660 Datasheet HTML 4Page - Analog Devices ADM660 Datasheet HTML 5Page - Analog Devices ADM660 Datasheet HTML 6Page - Analog Devices ADM660 Datasheet HTML 7Page - Analog Devices ADM660 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADM660/ADM8660
REV. A
–8–
output current levels. The ADM660/ADM8660 is tested using
low ESR, 10
µF, capacitors for both C1 and C2. Smaller values
of C1 increase the output resistance, while increasing C1 will re-
duce the output resistance. The output resistance is also de-
pendent on the internal switches on resistance as well as the
capacitors ESR so the effect of increasing C1 becomes negligible
past a certain point.
Figure 23 shows how the output resistance varies with oscillator
frequency for three different capacitor values. At low oscillator
frequencies, the output impedance is dominated by the 1/fC
term. This explains why the output impedance is higher for
smaller capacitance values. At high oscillator frequencies, the
1/fC term becomes insignificant and the output impedance is
dominated by the internal switches on resistance. From an out-
put impedance viewpoint, therefore, there is no benefit to be
gained from using excessively large capacitors.
OSCILLATOR FREQUENCY – kHz
500
0
300
100
400
200
0.1
100
110
C1 = C2 = 2.2µF
C1 = C2 = 10µF
C1 = C2 = 1µF
Figure 23. Output Impedance vs. Oscillator Frequency
Capacitor C2
The output capacitor size C2 affects the output ripple. Increas-
ing the capacitor size reduces the peak-peak ripple. The ESR
affects both the output impedance and the output ripple.
Reducing the ESR reduces the output impedance and ripple.
For convenience it is recommended that both C1 and C2 be the
same value.
Table III. Capacitor Selection
Charge-Pump
Capacitor
Frequency
C1, C2
25 kHz
10
µF
120 kHz
2.2
µF
Power Efficiency and Oscillator Frequency Tradeoff
While higher switching frequencies allow smaller capacitors to
be used for equivalent performance, or improved performance
with the same capacitors, there is a tradeoff to be considered. As
the oscillator frequency is increased, the quiescent current in-
creases. This happens as a result of a finite charge being lost at
each switching cycle. The charge loss per unit cycle at very high
frequencies can be significant, thereby reducing the power effi-
ciency. Since the power efficiency is also degraded at low oscil-
lator frequencies, due to an increase in output impedance, this
means that there is an optimum frequency band for maximum
power transfer. Please refer to the Typical Performance Charac-
teristics section.
Bypass Capacitor
The ac impedance of the ADM660/ADM8660 may be reduced
by using a bypass capacitor on the input supply. This capacitor
should be connected between the input supply and GND. It
will provide instantaneous current surges as required. Suitable
capacitors of 0.1
µF or greater may be used.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Plastic DIP
(N-8)
8
14
5
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
8-Lead Narrow-Body SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
16-Lead TSSOP
(RU-16)
16
9
8
1
0.201 (5.10)
0.193 (4.90)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
°
0
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com