Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8660 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM8660
Description  CMOS Switched-Capacitor Voltage Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8660 Datasheet(HTML) 2 Page - Analog Devices

  ADM8660 Datasheet HTML 1Page - Analog Devices ADM8660 Datasheet HTML 2Page - Analog Devices ADM8660 Datasheet HTML 3Page - Analog Devices ADM8660 Datasheet HTML 4Page - Analog Devices ADM8660 Datasheet HTML 5Page - Analog Devices ADM8660 Datasheet HTML 6Page - Analog Devices ADM8660 Datasheet HTML 7Page - Analog Devices ADM8660 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2000 V
*This is a stress rating only; functional operation of the device at these or any other
conditions above those indicated in the operation section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
ORDERING GUIDE
Temperature
Package
Model
Range
Options*
ADM660AN
–40
°C to +85°C
N-8
ADM660AR
–40
°C to +85°C
SO-8
ADM660ARU
–40
°C to +85°C
RU-16
ADM8660AN
–40
°C to +85°C
N-8
ADM8660AR
–40
°C to +85°C
SO-8
*N = Plastic DIP; RU = Thin Shrink Small Outline; SO = Small Outline.
ADM660/ADM8660–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Input Voltage, V+
RL = 1 k
Ω
3.5
7.0
V
Inverting Mode, LV = Open
1.5
7.0
V
Inverting Mode, LV = GND
2.5
7.0
V
Doubling Mode, LV = OUT
Supply Current
No Load
0.6
1
mA
FC = Open (ADM660), GND (ADM8660)
2.5
4.5
mA
FC = V+, LV = Open
Output Current
100
mA
Output Resistance
9
15
Ω
IL = 100 mA
Charge-Pump Frequency
25
kHz
FC = Open (ADM660), GND (ADM8660)
120
kHz
FC = V+
OSC Input Current
±5
µA
FC = Open (ADM660), GND (ADM8660)
±25
µA
FC = V+
Power Efficiency (FC = Open)
90
94
%
RL = 1 k
Ω Connected from V+ to OUT
90
93
%
RL = 500
Ω Connected from OUT to GND
81.5
%
IL = 100 mA to GND
Voltage Conversion Efficiency
99
99.96
%
No Load
Shutdown Supply Current, ISHDN
0.3
5
µA
ADM8660, SHDN = V+
Shutdown Input Voltage, VSHDN
2.4
V
SHDN High = Disabled
0.8
V
SHDN Low = Enabled
Shutdown Exit Time
500
µsI
L = 100 mA
NOTES
1C1 and C2 are low ESR (<0.2
Ω) electrolytic capacitors. High ESR will degrade performance.
Specifications subject to change without notice.
REV. A
–2–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
Input Voltage (V+ to GND, GND to OUT) . . . . . . . . +7.5 V
LV Input Voltage . . . . . . . . . . (OUT – 0.3 V) to (V+, +0.3 V)
FC and OSC Input Voltage
. . . . . . . . . . . (OUT – 0.3 V) or (V+, –6 V) to (V+, +0.3 V)
OUT, V+ Output Current (Continuous) . . . . . . . . . . . 120 mA
Output Short Circuit Duration to GND . . . . . . . . . . . 10 secs
Power Dissipation, N-8 . . . . . . . . . . . . . . . . . . . . . . . 625 mW
(Derate 8.3 mW/
°C above +50°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . .
120
°C/W
Power Dissipation R-8 . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
(Derate 6 mW/
°C above +50°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . .
170
°C/W
Power Dissipation RU-16 . . . . . . . . . . . . . . . . . . . . . 500 mW
(Derate 6 mW/
°C above +50°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . .
158
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . – 40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
(V+ = +5 V, C1, C2 = 10
F,
1 T
A = TMIN to TMAX unless otherwise
noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com