Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM209AR Datasheet(PDF) 4 Page - Analog Devices

Part # ADM209AR
Description  0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM209AR Datasheet(HTML) 4 Page - Analog Devices

  ADM209AR Datasheet HTML 1Page - Analog Devices ADM209AR Datasheet HTML 2Page - Analog Devices ADM209AR Datasheet HTML 3Page - Analog Devices ADM209AR Datasheet HTML 4Page - Analog Devices ADM209AR Datasheet HTML 5Page - Analog Devices ADM209AR Datasheet HTML 6Page - Analog Devices ADM209AR Datasheet HTML 7Page - Analog Devices ADM209AR Datasheet HTML 8Page - Analog Devices ADM209AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM205–ADM211/ADM213
REV. 0
–4–
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
Top View
(Not to Scale)
ADM206
T1
IN
T2
IN
T1
OUT
T2
OUT
T3
OUT
V
CC
GND
SD
EN
R3
IN
R1
IN
R2
IN
R2
OUT
R1
OUT
R3
OUT
T3
IN
T4
IN
T4
OUT
V+
V–
C1+
C1–
C2+
C2–
Figure 3. ADM206 DIP/SOIC/SSOP Pin Configuration
TTL/CMOS
INPUTS
*
TTL/CMOS
OUTPUTS
T1
IN
ADM206
SD
RS-232
OUTPUTS
T1
OUT
GND
8
T2
IN
T3
IN
T4
IN
T2
OUT
T3
OUT
T4
OUT
T3
19
6
7
18
21
3
1
2
24
T4
T2
T1
RS-232
INPUTS
**
R1
IN
R2
IN
R3
IN
R1
OUT
R2
OUT
R3
OUT
R3
R2
R1
20
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
EN
16
4
23
17
22
5
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
14
13
12
10
15
11
0.1
µF
6.3V
+5V INPUT
V
CC
V+
V–
C1+
C1–
C2+
C2–
0.1
µF
6.3V
0.1
µF
16V
0.1
µF
16V
9
0.1
µF
Figure 4. ADM206 Typical Operating Circuit
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
619
Top View
(Not to Scale)
ADM207
T1
IN
T2
IN
T1
OUT
T2
OUT
T3
OUT
V
CC
GND
R3
IN
R1
IN
R2
IN
R2
OUT
R1
OUT
R3
OUT
T3
IN
T4
IN
T4
OUT
V+
V–
C1+
C1–
C2+
C2–
T5
IN
T5
OUT
Figure 5. ADM207 DIP/SOIC/SSOP Pin Configuration
T1
IN
ADM207
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
GND
8
T2
IN
T3
IN
T4
IN
T2
OUT
T3
OUT
T4
OUT
T3
19
6
7
18
3
1
2
24
T4
T2
T1
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
R1
IN
R2
IN
R3
IN
R1
OUT
R2
OUT
R3
OUT
R3
R2
R1
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
16
4
23
17
22
5
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
14
13
12
10
15
0.1
µF
16V
11
0.1
µF
6.3V
+5V INPUT
V
CC
V+
V–
C1+
C1–
C2+
C2–
0.1
µF
6.3V
0.1
µF
16V
T5
IN
T5
OUT
21
20
T5
9
0.1
µF
Figure 6. ADM207 Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com