Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM690A Datasheet(PDF) 6 Page - Analog Devices

Part # ADM690A
Description  Microprocessor Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM690A Datasheet(HTML) 6 Page - Analog Devices

  ADM690A Datasheet HTML 1Page - Analog Devices ADM690A Datasheet HTML 2Page - Analog Devices ADM690A Datasheet HTML 3Page - Analog Devices ADM690A Datasheet HTML 4Page - Analog Devices ADM690A Datasheet HTML 5Page - Analog Devices ADM690A Datasheet HTML 6Page - Analog Devices ADM690A Datasheet HTML 7Page - Analog Devices ADM690A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADM690A/ADM692A/ADM802L/M/ADM805L/M
–6–
REV. 0
Table I. Input and Output Status in Battery Backup Mode
Signal
Status
VOUT
VOUT is connected to VBATT via an internal
PMOS switch.
RESET
Logic low.
RESET
Logic high (ADM805L, ADM805M). The open
circuit output voltage is equal to VOUT.
PFI
The power fail comparator is disabled
PFO
Logic low.
WDI
The watchdog timer is disabled
Power Fail Comparator
The power fail comparator is an independent comparator
that may be used to monitor the input power supply. The
comparator’s inverting input is internally connected to a 1.25
V reference voltage. The noninverting input is available at the
PFI input. This input may be used to monitor the input power
supply via a resistive divider network. When the voltage on the
PFI input drops below 1.25 V, the comparator output (PFO)
goes low indicating a power failure. For early warning of power
failure the comparator may be used to monitor the preregulator
input simply by choosing an appropriate resistive divider
network. The PFO output can be used to interrupt the
processor so that a shutdown procedure is implemented before
the power is lost.
1.25V
POWER FAIL
OUTPUT
(PFO)
POWER
FAIL
INPUT
INPUT
POWER
R1
R2
Figure 9. Power Fail Comparator
Adding Hysteresis to the Power Fail Comparator
For increased noise immunity, hysteresis may be added to the
power fail comparator. Since the comparator circuit is non-
inverting, hysteresis can be added simply by connecting a
resistor between the PFO output and the PFI input as shown in
Figure 10. When PFO is low, resistor R3 sinks current from the
summing junction at the PFI pin. When PFO is high, resistor
R3 sources current into the PFI summing junction. This results
in differing trip levels for the comparator. Further noise
immunity may be achieved by connecting a capacitor between
PFI and GND.
1.25V
(PFO)
INPUT
POWER
R1
R2
PFI
R3
TO
µP NMI
5V
PFO
0V
0V
VL
VH
VIN
VH = 1.25 1+
R1
R2+R3
R2
× R3
VL = 1.25+R1
1.25
VCC–1.25
R2
R3
VMID= 1.25
R1+R2
R2
–
Figure 10. Adding Hysteresis to the Power Fail
Comparator
TYPICAL APPLICATIONS
Figure 11 shows a typical power monitoring, battery backup
application. VOUT powers the CMOS RAM. Under normal
operating conditions with VCC present, VOUT is internally
connected to VCC. If a power failure occurs, VCC will decay and
VOUT will be switched to VBATT thereby maintaining power for
the CMOS RAM. A RESET pulse is also generated when VCC
falls below the reset threshold.
CMOS RAM
POWER
µP RESET
µP NMI
I/O LINE
µP SYSTEM
VCC
µP POWER
VOUT
RESET
PFO
WDI
GND
VBATT
PFI
UNREGULATED
DC
R1
R2
+5V
BATTERY
+
Figure 11. Typical Application Circuit
The watchdog timer input (WDI) monitors an I/O line from the
µP system. This line must be toggled once every 1.6 seconds to
verify correct software execution. Failure to toggle the line
indicates that the
µP system is not correctly executing its
program and may be tied up in an endless loop. If this happens,
a reset pulse is generated to initialize the processor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com