Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM696AR Datasheet(PDF) 11 Page - Analog Devices

Part # ADM696AR
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM696AR Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM696AR Datasheet HTML 4Page - Analog Devices ADM696AR Datasheet HTML 5Page - Analog Devices ADM696AR Datasheet HTML 6Page - Analog Devices ADM696AR Datasheet HTML 7Page - Analog Devices ADM696AR Datasheet HTML 8Page - Analog Devices ADM696AR Datasheet HTML 9Page - Analog Devices ADM696AR Datasheet HTML 10Page - Analog Devices ADM696AR Datasheet HTML 11Page - Analog Devices ADM696AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADM696/ADM697
REV. 0
–11–
This application also shows an optional, external transistor
which may be used to provide in excess of 100 mA current on
VOUT. When VCC is higher than VBATT, the BATT ON output
goes low, providing 25 mA of base drive for the external PNP
transistor. The maximum current available is dependent on the
power rating of the external transistor.
RAM Write Protection
The ADM697 CEOUT line drives the Chip Select inputs of the
CMOS RAM. CEOUT follows CEIN as long as LLIN is above the
reset threshold. If LLIN falls below the reset threshold, CEOUT
goes high, independent of the logic level at CEIN. This prevents
the microprocessor from writing erroneous data into RAM dur-
ing power-up, power-down, brownouts and momentary power
interruptions.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Pin Plastic DIP (N-16)
0.840 (21.33)
0.745 (18.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
PIN 1
0.280 (7.11)
0.240 (6.10)
9
1
6
1
8
0.210
(5.33)
0.200 (5.05)
0.125 (3.18)
0.022 (0.558)
0.014 (0.356)
0.100 (2.54)
BSC
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
0.070 (1.77)
0.045 (1.15)
16-Pin Cerdip (Q-16)
PIN 1
0.840 (21.34) MAX
0.060 (1.52)
0.015 (0.38)
0.015 (0.381)
0.008 (0.204)
0.150
(3.81)
MIN
0.200
(5.08)
MAX
0.022 (0.558)
0.014 (0.356)
0.100 (2.54)
BSC
0.070 (1.78)
0.30 (0.76)
PLANE
SEATING
0.310 (7.87)
0.220 (5.59)
0.320 (8.13)
0.290 (7.37)
1
8
9
16
16-Lead SOIC (R-16)
0.019 (0.49)
0.05 (1.27)
REF
0.104
(2.65)
0.012
(0.3)
0.413 (10.50)
0.419
(10.65)
0.042
(1.07)
0.013
(0.32)
0.030
(0.75)
0.299
(7.60)
1
8
9
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com