| Electronic Components Datasheet Search |
|
ADM698AR Datasheet(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM698AR Datasheet(HTML) 4 Page - Analog Devices |
|
4 / 4 page ![]() ADM698/ADM699 REV. 0 –4– CIRCUIT INFORMATION Power Fail RESET A precision voltage detector monitors VCC and generates a RESET output to hold the microprocessor’s Reset line low when VCC falls below the reset threshold (4.65 V) (see Figure 4). The reset voltage threshold is set to accommodate a 5% variation on VCC. The voltage detector has 40 mV hysteresis to ensure that glitches on VCC do not activate the RESET output. On power up, an internal monostable holds RESET low for 140 ms after VCC rises above the reset threshold. This allows the power supply to stabilize on power up and also prevents re- peated toggling of RESET even if the 5 V power drops out and recovers with each power line cycle. In order to prevent mistriggering due to transient voltage spikes, it is recommended that a 0.1 µF capacitor be connected at the V CC pin. The RESET output is guaranteed to remain low with VCC as low as 1 V. This holds the microprocessor in a stable shutdown condition as the power supply comes up. On the 16-lead SOIC package, an active high RESET output is also provided. This is the complement of RESET and is in- tended for microprocessors requiring an active high signal. V2 V2 V1 V1 VCC RESET V1 = RESET VOLTAGE THRESHOLD V2 = RESET VOLTAGE THRESHOLD + THRESHOLD HYSTERESIS t 1 = RESET TIME t 1 t 1 Figure 4. Watchdog Timeout Period vs. Temperature Watchdog Timer (ADM699 Only) The watchdog timer input (WDI) monitors an I/O line from the µP system. The µP must toggle this input once every 1.6 sec- onds to verify correct software execution. Failure to toggle the line indicates that the µP system is not correctly executing its program and may be tied up in an endless loop. If this happens, a reset pulse is generated to initialize the processor. The WDI input is a three level input and will recognize a low to- high or a high-to-low transition on its input. The watchdog timer is reset by each WDI transition and then begins its timeout period. If the WDI pin remains either high or low, reset pulses will be issued every 1.6 seconds typically. If the watch- dog timer is not needed, the WDI input should be left floating. The Watchdog Output (WDO) (SOIC package Only) provides watchdog status information. It is driven low if WDI is not toggled within the watchdog timeout period. It goes high at the next WDI transition. It is also set high when VCC falls below the reset threshold. t1 = RESET TIME t2 = WATCHDOG TIME OUT PERIOD t1 t1 WDI RESET t1 WDO t2 t2 Figure 5. Watchdog Timeout Period and Reset Active Time OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 8-Pin Cerdip (Q-8) PIN 1 0.420 (10.67) MAX 0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN 0.310 (7.87) 0.220 (5.59) 0.200 (5.08) MAX PLANE SEATING 0.070 (1.78) 0.30 (0.76) 0.100 (2.54) BSC 0.022 (0.558) 0.014 (0.356) 1 4 5 8 0.015 (0.381) 0.008 (0.204) 0.320 (8.13) 0.290 (7.37) 16-Lead SOIC (R-16) 0.019 (0.49) 0.05 (1.27) REF 0.104 (2.65) 0.012 (0.3) 0.413 (10.50) 0.419 (10.65) 0.299 (7.60) 1 8 9 16 0.042 (1.07) 0.013 (0.32) 0.030 (0.75) 8-Pin Plastic DIP (N-8) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |