Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM698AQ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM698AQ
Description  Microprocessor Supervisory Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM698AQ Datasheet(HTML) 2 Page - Analog Devices

  ADM698AQ Datasheet HTML 1Page - Analog Devices ADM698AQ Datasheet HTML 2Page - Analog Devices ADM698AQ Datasheet HTML 3Page - Analog Devices ADM698AQ Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ADM698/ADM699–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
VCC Operating Voltage Range
3.0
5.5
V
Supply Current
0.6
1.95
mA
Power-Down Reset Assertion
4.5
4.65
4.73
V
Power-Up Reset Deassertion
4.73
V
Reset Threshold Hysteresis
40
mV
Reset Active Time
140
200
280
ms
TA = +25
°C, V
CC = +5 V
Watchdog Timeout Period (ADM699)
1.0
1.6
2.25
s
TA = +25
°C, V
CC = +5 V
Minimum WDI Input Pulse Width
50
ns
VIL = 0.4, VIH = 3.5 V
RESET
Output Voltage
0.4
V
ISINK = 1.6 mA, Vcc = 4.4 V
RESET
Output Voltage (VCC = 1 V)
4
200
mV
ISINK = 10
µA, V
CC = 1.0 V
3.5
V
ISOURCE = 1 µA, VCC = 5 V
RESET
and WDO Output Voltage
0.4
V
ISINK = 1.6 mA, VCC = 5 V
3.5
V
ISOURCE = 1
µA, V
CC = 4.4 V
RESET
Output Short Circuit Current
25
mA
Output Sink Current
WDI Input Threshold (ADM699)
Logic Low
0.8
V
Logic High
3.5
V
WDI Input Current
20
50
µA
WDI = VCC, TA = +25
°C
–50
–20
µA
WDI = 0 V, TA = +25°C
Specifications subject to change without notice.
REV. 0
–2–
(VCC = +5 V
10%, TA = TMIN to TMAX unless otherwise noted)
ORDERING GUIDE
Temperature
Package
Model
Range
Option
ADM698AN
–40
°C to +85°C
N-8
ADM698AR
–40
°C to +85°C
R-16
ADM698AQ
–40
°C to +85°C
Q-8
ADM698SQ
–55
°C to +125°C
Q-8
ADM699AN
–40
°C to +85°C
N-8
ADM699AR
–40
°C to +85°C
R-16
ADM699AQ
–40
°C to +85°C
Q-8
ADM699SQ
–55
°C to +125°C
Q-8
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADM698/ADM699 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
All Other Inputs . . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Power Dissipation 8-Pin DIP . . . . . . . . . . . . . . . . . . . . 500 mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . +120
°C/W
Power Dissipation 16-Pin SOIC . . . . . . . . . . . . . . . . . 375 mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . +110°C/W
Power Dissipation 8-Pin Cerdip . . . . . . . . . . . . . . . . . . 500 mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . +125
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under “Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods of time may affect device reliability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com