Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM697AR Datasheet(PDF) 7 Page - Analog Devices

Part # ADM697AR
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM697AR Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM697AR Datasheet HTML 3Page - Analog Devices ADM697AR Datasheet HTML 4Page - Analog Devices ADM697AR Datasheet HTML 5Page - Analog Devices ADM697AR Datasheet HTML 6Page - Analog Devices ADM697AR Datasheet HTML 7Page - Analog Devices ADM697AR Datasheet HTML 8Page - Analog Devices ADM697AR Datasheet HTML 9Page - Analog Devices ADM697AR Datasheet HTML 10Page - Analog Devices ADM697AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM696/ADM697
REV. 0
–7–
Fail Output (PFO) goes low when the voltage at PFI is less than
1.3 V. Typically PFI is driven by an external voltage divider
which senses either the unregulated dc input to the system’s 5 V
regulator or the regulated 5 V output. The voltage divider ratio
can be chosen such that the voltage at PFI falls below 1.3 V
several milliseconds before the +5 V power supply falls below
the reset threshold. PFO is normally used to interrupt the
microprocessor so that data can be stored in RAM and the shut-
down procedure executed before power is lost.
ADM69x
POWER
FAIL
INPUT
R2
INPUT
POWER
1.3V
PFO
POWER
FAIL
OUTPUT
R1
Figure 7. Power Fail Comparator
Table II. Input and Output Status In Battery Backup Mode
Signal
Status
VOUT
(ADM696) VOUT is connected to VBATT via an
internal PMOS switch.
RESET
Logic low.
RESET
Logic high. The open circuit output voltage is
equal to VOUT.
LOW LINE
Logic low.
BATT ON
(ADM696) Logic high. The open circuit voltage
is equal to VOUT.
WDI
WDI is ignored. It is internally disconnected
from the internal pullup resistor and does not
source or sink current as long as its input voltage
is between GND and VOUT. The input voltage
does not affect supply current.
WDO
Logic high. The open circuit voltage is equal to
VOUT.
PFI
The Power Fail Comparator is turned off and
has no effect on the Power Fail Output.
PFO
Logic low.
CEIN
CEIN is ignored. It is internally disconnected
from its internal pullup and does not source or
sink current as long as its input voltage is be-
tween GND and VOUT. The input voltage does
not affect supply current.
CEOUT
Logic high. The open circuit voltage is equal to
VOUT.
OSC IN
OSC IN is ignored.
OSC SEL
OSC SEL is ignored.
CE Gating and RAM Write Protection (ADM697)
The ADM697 contains memory protection circuitry which
ensures the integrity of data in memory by preventing write
operations when LLIN is below the threshold voltage. When
LLIN is greater than 1.3 V, CEOUT is a buffered replica of CEIN,
with a 5 ns propagation delay. When LLIN falls below the 1.3 V
threshold, an internal gate forces CEOUT high, independent of
CEIN.
CEOUT typically drives the CE, CS, or Write input of battery
backed up CMOS RAM. This ensures the integrity of the data
in memory by preventing write operations when VCC is at an in-
valid level.
If the 5 ns typical propagation delay of CEOUT is excessive, con-
nect CEIN to GND and use the resulting CEOUT to control a
high speed external logic gate.
ADM697
CE
OUT
CE
IN
LL
IN
LOW = 0
LL
IN
OK = 1
Figure 5. Chip Enable Gating
t
1
t
1
= RESET TIME
V1 = RESET VOLTAGE THRESHOLD LOW
V2 = RESET VOLTAGE THRESHOLD HIGH
HYSTERESIS = V2–V1
V2
V2
V1
V1
t
1
LL
IN
LOW LINE
RESET
CE
IN
CE
OUT
Figure 6. Chip Enable Timing
Power Fail Warning Comparator
An additional comparator is provided for early warning of fail-
ure in the microprocessor’s power supply. The Power Fail Input
(PFI) is compared to an internal +1.3 V reference. The Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com