Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANSELA Datasheet(PDF) 44 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 44 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 40Page - Microchip Technology ANSELA Datasheet HTML 41Page - Microchip Technology ANSELA Datasheet HTML 42Page - Microchip Technology ANSELA Datasheet HTML 43Page - Microchip Technology ANSELA Datasheet HTML 44Page - Microchip Technology ANSELA Datasheet HTML 45Page - Microchip Technology ANSELA Datasheet HTML 46Page - Microchip Technology ANSELA Datasheet HTML 47Page - Microchip Technology ANSELA Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 222 page
background image
MCP19111
DS22331A-page 44
 2013 Microchip Technology Inc.
6.9
MOSFET Driver Programmable
Dead Time
The turn-on delay of the high-side and low-side drive
signals can be configured independently to allow differ-
ent MOSFETs and circuit board layouts to be used to
construct an optimized system. See Figure 6-2.
Setting the HDLYBY and LDLYBY bits of the PE1
register enables the high-side and low-side delay,
respectively. The amount of delay added is controlled
in the DEADCON register. See Register 6-9 for more
information.
FIGURE 6-2:
MOSFET DRIVER
DEAD TIME
HDLY
LDLY
HDRV
LDRV
REGISTER 6-9:
DEADCON: DRIVER DEAD TIME CONTROL REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
HDLY3
HDLY2
HDLY1
HDLY0
LDLY3
LDLY2
LDLY1
LDLY0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
HDLY<3:0>: High-Side Dead Time Configuration bits
0000
= 11 ns delay
0001
= 15 ns delay
0010
= 19 ns delay
0011
= 23 ns delay
0100
= 27 ns delay
0101
= 31 ns delay
0110
= 35 ns delay
0111
= 39 ns delay
1000
= 43 ns delay
1001
= 47 ns delay
1010
= 51 ns delay
1011
= 55 ns delay
1100
= 59 ns delay
1101
= 63 ns delay
1110
= 67 ns delay
1111
= 71 ns delay
bit 3-0
LDLY<3:0>: Low-Side Dead Time Configuration bits
0000
= 4 ns delay
0001
= 8 ns delay
0010
= 12 ns delay
0011
= 16 ns delay
0100
= 20 ns delay
0101
= 24 ns delay
0110
= 28 ns delay
0111
= 32 ns delay
1000
= 36 ns delay
1001
= 40 ns delay
1010
= 44 ns delay
1011
= 48 ns delay
1100
= 52 ns delay
1101
= 56 ns delay
1110
= 60 ns delay
1111
= 64 ns delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com