Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8523TS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8523TS
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8523TS Datasheet HTML 1Page - NXP Semiconductors PCF8523TS Datasheet HTML 2Page - NXP Semiconductors PCF8523TS Datasheet HTML 3Page - NXP Semiconductors PCF8523TS Datasheet HTML 4Page - NXP Semiconductors PCF8523TS Datasheet HTML 5Page - NXP Semiconductors PCF8523TS Datasheet HTML 6Page - NXP Semiconductors PCF8523TS Datasheet HTML 7Page - NXP Semiconductors PCF8523TS Datasheet HTML 8Page - NXP Semiconductors PCF8523TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
1.
General description
The PCF8523 is a CMOS1 Real-Time Clock (RTC) and calendar optimized for low power
consumption. Data is transferred serially via an I2C-bus with a maximum data rate of
1000 kbit/s. Alarm and timer functions are available with the possibility to generate a
wake-up signal on an interrupt pin. An offset register allows fine-tuning of the clock. The
PCF8523 has a backup battery switch-over circuit, which detects power failures and
automatically switches to the battery supply when a power failure occurs.
2.
Features and benefits
Provides year, month, day, weekday, hours, minutes, and seconds based on a
32.768 kHz quartz crystal
Resolution: seconds to years
Clock operating voltage: 1.0 V to 5.5 V
Low backup current: typical 150 nA at VDD = 3.0 V and Tamb =25 C
2 line bidirectional 1 MHz Fast-mode Plus (Fm+) I2C interface, read D1h, write D0h2
Battery backup input pin and switch-over circuit
Freely programmable timer and alarm with interrupt capability
Selectable integrated oscillator load capacitors for CL =7pF or CL = 12.5 pF
Internal Power-On Reset (POR)
Open-drain interrupt or clock output pins
Programmable offset register for frequency adjustment
3.
Applications
Time keeping application
Battery powered devices
Metering
PCF8523
Real-Time Clock (RTC) and calendar
Rev. 4 — 5 July 2012
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 20.
2.
Devices with other I2C-bus slave addresses can be produced on request.


Similar Part No. - PCF8523TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8523TS PHILIPS-PCF8523TS Datasheet
334Kb / 2P
Save power with small, ultra-efficient RTCs
March 2011
PCF8523TS-1 NXP-PCF8523TS-1 Datasheet
1Mb / 66P
Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
More results

Similar Description - PCF8523TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
Real Time Clock/Calendar
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
2-Wire RTC Real Time Clock/Calendar
September 23, 2005
logo
NXP Semiconductors
PCF8564A NXP-PCF8564A Datasheet
924Kb / 44P
Real time clock and calendar
Rev. 1-8 October 2009
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
Real time clock and calendar
Rev. 02-30 September 2010
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
PCF8564A_1308 NXP-PCF8564A_1308 Datasheet
386Kb / 48P
Real time clock and calendar
Rev. 3-26 August 2013
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
2-Wire??RTC Real Time Clock/Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com