Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8523T/1 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8523T/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T/1 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8523T/1 Datasheet HTML 12Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 13Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 14Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 15Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 16Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 17Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 18Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 19Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
16 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.5.2 Battery switch-over function
The PCF8523 has a backup battery switch-over circuit. It monitors the main power supply
VDD and switches automatically to the backup battery when a power failure condition is
detected.
One of two operation modes can be selected:
• Standard mode: the power failure condition happens when:
VDD < VBAT AND VDD <Vth(sw)bat
• Direct switching mode: the power failure condition happens when VDD < VBAT.
Direct switching from VDD to VBAT without requiring VDD to drop below Vth(sw)bat
Vth(sw)bat is the battery switch threshold voltage. Typical value is 2.5 V.
Generation of interrupts from the battery switch-over is controlled via the BSIE bit (see
register Control_2). If BSIE is enabled, the INT1 follows the status of bit BLF (register
Control_3). Clearing BLF immediately clears INT1.
When a power failure condition occurs and the power supply switches to the battery, the
following sequence occurs:
1. The battery switch flag BSF (register Control_3) is set logic 1
2. An interrupt is generated if the control bit BSIE (register Control_3) is enabled
The battery switch flag BSF can be cleared by using the interface after the power supply
has switched to VDD. It must be cleared to clear the interrupt.
The interface is disabled in battery backup operation:
• Interface inputs are not recognized, preventing extraneous data being written to the
device
• Interface outputs are high-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com