Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8523TS/1 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8523TS/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS/1 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8523TS/1 Datasheet HTML 22Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 23Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 24Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 25Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 26Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 27Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 28Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 29Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
26 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
When one or several alarm registers are loaded with a valid minute, hour, day, or weekday
value and its corresponding alarm enable bit (AE_x) is logic 0, then that information is
compared with the current minute, hour, day, and weekday value. When all enabled
comparisons first match, the alarm flag, AF (register Control_2), is set logic 1.
The generation of interrupts from the alarm function is controlled via bit AIE (register
Control_1). If bit AIE is enabled, then the INT1 pin follows the condition of bit AF. AF
remains set until cleared by the interface. Once AF has been cleared, it will only be set
again when the time increments to match the alarm condition once more. Alarm registers,
which have their AE_x bit logic 1 are ignored. The generation of interrupts from the alarm
function is described more detailed in Section 8.4.
Table 26 and Table 27 show an example for clearing bit AF. Clearing the flag is made by a
write command, therefore bits 2, 1, and 0 must be re-written with their previous values.
Repeatedly re-writing these bits has no influence on the functional behavior.
To prevent the timer flags being overwritten while clearing bit AF, logic AND is performed
during a write access. A flag is cleared by writing logic 0 while a flag is not cleared by
writing logic 1. Writing logic 1 results in the flag value remaining unchanged.
Table 27 shows what instruction must be sent to clear bit AF. In this example, bit CTAF,
CTBF, and bit SF are unaffected.
[1]
The bits labeled as - have to be rewritten with the previous values.
Example where only the minute alarm is used and no other interrupts are enabled.
Fig 16. Alarm flag timing
Table 26.
Flag location in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
WTAF
CTAF
CTBF
SF
AF
-
-
-
Table 27.
Example to clear only AF (bit 3)
Register
Bit[1]
7
6
5
4
3
2
1
0
Control_2
01110-
-
-
001aaf903
44
45
45
minute alarm
minutes counter
AF
INT when AIE = 1
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com