Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC326YR Datasheet(PDF) 16 Page - Analog Devices

Part # ADMC326YR
Description  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC326YR Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMC326YR Datasheet HTML 12Page - Analog Devices ADMC326YR Datasheet HTML 13Page - Analog Devices ADMC326YR Datasheet HTML 14Page - Analog Devices ADMC326YR Datasheet HTML 15Page - Analog Devices ADMC326YR Datasheet HTML 16Page - Analog Devices ADMC326YR Datasheet HTML 17Page - Analog Devices ADMC326YR Datasheet HTML 18Page - Analog Devices ADMC326YR Datasheet HTML 19Page - Analog Devices ADMC326YR Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ADMC326
–16–
REV. A
Table VI. ADC Auxiliary Channel Selection
MODECTRL (1)
MODECTRL (0)
Select
ADCMUX1
ADCMUX0
VAUX0
0
0
VAUX1
0
1
VAUX2
1
0
Calibration (VREF)1
1
The single slope technique has been adapted on the ADMC326
for four channels that are simultaneously converted. Refer to
Figure 11 for the functional schematic of the ADC. Three of the
main inputs (V1, V2, and V3) are directly connected as high
impedance voltage inputs. The fourth channel has been con-
figured with a serially-connected 4-to-1 multiplexer. Table VI
shows the multiplexer input selection codes. One of these auxiliary
multiplexed channels is used to calibrate the ramp against the
internal voltage reference (VREF).
VAUX0
V2L
VAUXL
PWMSYNC (CONVST)
ADC
REGISTERS
V1L
V3L
V2
(CAP RESET)
CLK MODECTRL<7>
12-BIT
ADC
TIMER
BLOCK
VREF
COMP
ADC REGISTERS
ADC1
ADC2
ADC3
ADCAUX
MODECTRL<0..1>
EXTERNAL
CHARGING
CAP
VC
ICONST
ICONST_TRIM<2:0>
VAUX1
VAUX2
COMP
COMP
COMP
V1
C
GND
4 -1
MUX
V3
Figure 11. ADC Overview
Comparing each ADC input to a reference ramp voltage, and tim-
ing the comparison of the two signals, performs the conversion
process. The actual conversion point is the time point intersec-
tion of the input voltage and the ramp voltage (VC) as shown in
Figure 12. This time is converted to counts by the 12-bit ADC
Timer Block and is stored in the ADC registers. The ramp volt-
age used to perform the conversion is generated by driving a
Table V. Fundamental Characteristics of PWM Generation Unit of ADMC326
16-BIT PWM TIMER
Parameter
Min
Typ
Max
Unit
Counter Resolution
16
Bits
Edge Resolution (Single Update Mode)
100
ns
Edge Resolution (Double Update Mode)
50
ns
Programmable Dead Time Range
0
100
µs
Programmable Dead Time Increments
100
ns
Programmable Pulse Deletion Range
0
100
µs
Programmable Pulse Deletion Increments
100
ns
PWM Frequency Range
150
Hz
PWMSYNC Pulsewidth (TCRST)
0.05
12.5
µs
Gate Drive Chop Frequency Range
0.02
5
MHz
fixed current into an off-chip capacitor, where the capacitor
voltage is
VC = (I/C)
× t
Following reset, VC = 0 at t = 0. This reset and the start of the
conversion process are initiated by the PWMSYNC pulse, as
shown in Figure 12. The width of the PWMSYNC pulse is
controlled by the PWMSYNCWT register and should be
programmed according to Figure 13 to ensure complete resetting.
In order to compensate for IC process manufacturing tolerances
(and to adjust for capacitor tolerances), the current source of the
ADMC326 is software programmable. The software setting of the
magnitude of the ICONST current generator is accomplished by
selecting one of eight steps over an approximately 20% cur-
rent range.
V1
PWMSYNC
VVIL
COMPARATOR
OUTPUT
t
TCRST
TPWM –TCRST
tVIL
VC
VCMAX
Figure 12. Analog Input Block Operation
The ADC system consists of four comparators and a single timer,
which may be clocked at either the DSP rate or half the DSP
rate depending on the setting of the ADCCNT bit (Bit 7) of the
MODECTRL register. When this bit is cleared, the timers count
at a slower rate of CLKIN. When this bit is set, they count at
CLKOUT or twice the rate of CLKIN. ADC1, ADC2, ADC3,
and ADCAUX are the registers that capture the conversion times,
which are effectively the timer value when the associated com-
parator trips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com