Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC330 Datasheet(PDF) 13 Page - Analog Devices

Part # ADMC330
Description  Single Chip DSP Motor Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC330 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMC330 Datasheet HTML 9Page - Analog Devices ADMC330 Datasheet HTML 10Page - Analog Devices ADMC330 Datasheet HTML 11Page - Analog Devices ADMC330 Datasheet HTML 12Page - Analog Devices ADMC330 Datasheet HTML 13Page - Analog Devices ADMC330 Datasheet HTML 14Page - Analog Devices ADMC330 Datasheet HTML 15Page - Analog Devices ADMC330 Datasheet HTML 16Page - Analog Devices ADMC330 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADMC330
–13–
REV. 0
Serial Ports
The ADMC330 incorporates two complete synchronous serial
ports (SPORT0 and SPORT1) for serial communications and
multiprocessor communication.
Following is a brief list of the capabilities of the ADMC330
SPORTs. Refer to the ADSP-2100 Family User’s Manual for
further details.
• SPORTs are bidirectional and have a separate, double-buff-
ered transmit and receive section.
• SPORTs can use an external serial clock or generate their
own serial clock internally.
• SPORTs have independent framing for the receive and trans-
mit sections. Sections run in a frameless mode or with frame
synchronization signals internally or externally generated.
Frame sync signals are active high or inverted, with either of
two pulsewidths and timings.
• SPORTs support serial data word lengths from 3 to 16 bits
and provide optional A-law and
µ-law companding according
to CCITT recommendation G.711.
• SPORT receive and transmit sections can generate unique
interrupts on completing a data word transfer.
• SPORTs can receive and transmit an entire circular buffer of
data with only one overhead cycle per data word. An interrupt
is generated after a data buffer transfer.
• SPORT0 has a multichannel interface to selectively receive
and transmit a 24- or 32-word, time-division multiplexed,
serial bit stream.
• SPORT1 can be configured to have two external interrupts
(
IRQ0 and IRQ1) and the Flag In and Flag Out signals. The
internally generated serial clock may still be used in this
configuration.
• SPORT1 has two multiplexed data receive pins DR1A and
DR1B. DR1A is automatically selected at boot up and is the
default input for the serial ROM. For UART communication
DR1B is selected.
A full description of the SPORT timing parameters is given in
Figure 14.
Interrupts
The interrupt controller allows the processor core to respond to
nine possible interrupts with the minimum of overhead. The
ADMC330 supports eight internal interrupts from the timer,
the two serial ports, the software interrupts, and the software
forced power-down interrupt. The ninth interrupt,
IRQ2 on the
2171 core, is actually wired internally to the ADMC330 periph-
eral interrupt sources. This peripheral interrupt is generated on
a PWM trip, PWMSYNC (once each PWM cycle), or from any
of the eight PIO ports. The PWMSYNC interrupt is triggered
by a low to high transition on the PWMSYNC pulse.
The
PWMTRIP interrupt is triggered on a high-to-low transi-
tion on the
PWMTRIP pin. A PIO interrupt is detected on any
change of state (high-to-low or low-to-high) on the PIO line.
When a peripheral interrupt is detected, a flag bit is set in the
IRQFLAG register for PWMSYNC and
PWMTRIP or in the
PIOFLAG register for a PIO interrupt, and the
IRQ2 line is
pulled low. The
IRQ2 line is held low until all pending periph-
eral interrupts are acknowledged. Execution then begins at the
IRQ2 (or peripheral) interrupt vector location (0x004). Soft-
ware at this location further determines if the source of the
interrupt was a PWM trip, PWYMSYNC, or PIO, by reading
the IRQFLAG register, and vectors to the appropriate interrupt
vector location. If more than one interrupt occurs simultaneously,
the higher priority interrupt service routine is executed. The
software at location 0x004 is provided in a default interrupt
vector table that is created by the on-chip boot ROM code.
Therefore, a user need only put the interrupt service routine
for the given interrupt at the interrupt vector location shown in
Table IV. Reading the IRQFLAG register clears the
PWMTRIP
and PWMSYNC bits and acknowledges the interrupt, thus
allowing further interrupts when the interrupt service routine
exits. When the IRQFLAG register is read, it is saved in a data
memory variable so the user interrupt service routines can check
to see if there were simultaneous
PWMTRIP and PWMSYNC
interrupts.
A user’s PIO interrupt service routine must read the PIOFLAG
register to determine which PIO port is the source of the inter-
rupt. Reading the PIOFLAG register clears all bits in the
register and acknowledges the interrupt, thus allowing further
interrupts when the interrupt service routine exits.
All interrupts are internally prioritized and individually maskable
(except for power-down). The interrupt vector locations and
priorities for all interrupts are listed in Table IV. Interrupts can
be masked or unmasked with the IMASK register. Individual
interrupt requests are logically ANDed with the bits in IMASK;
the higher priority unmasked interrupt is then selected. The
software forced power-down interrupt is nonmaskable. The
ADMC330 masks all interrupts for one instruction cycle follow-
ing the execution of an instruction that modifies the IMASK
register. This does not affect autobuffering.
Table IV. Interrupt Priority and Interrupt Vector Addresses
Interrupt
Source of Interrupt
Vector Location (Hex)
Reset
0x0000 (Reserved)
PWMTRIP and Power-Down*
0x002C (Highest Priority)
PWMSYNC*
0x000C
PIO*
0x0008
SPORT0 Transmit
0x0010
SPORT0 Receive
0x0014
Software Interrupt 1
0x0018
Software Interrupt 0
0x001C
SPORT1 Transmit or
IRQ1
0x0020
SPORT1 Receive or
IRQ0
0x0024
Timer
0x0028 (Lowest Priority)
*Peripheral interrupt (
IRQ2) starts execution at 0x004, software further vector
to 0x002C, 0x000C or 0x0008 as appropriate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com