Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1073 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1073
Description  Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1073 Datasheet(HTML) 3 Page - Analog Devices

  ADP1073 Datasheet HTML 1Page - Analog Devices ADP1073 Datasheet HTML 2Page - Analog Devices ADP1073 Datasheet HTML 3Page - Analog Devices ADP1073 Datasheet HTML 4Page - Analog Devices ADP1073 Datasheet HTML 5Page - Analog Devices ADP1073 Datasheet HTML 6Page - Analog Devices ADP1073 Datasheet HTML 7Page - Analog Devices ADP1073 Datasheet HTML 8Page - Analog Devices ADP1073 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP1073
–3–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1ILIM
For normal conditions this pin is con-
nected to VIN. When a lower current
limit is required, a resistor should be
connected between ILIM and VIN. Limit-
ing the switch current to 400 mA is
achieved by connecting a 220
Ω resistor.
2VIN
Input Voltage.
3
SW1
Collector Node of Power Transistor.
For step-down configuration, connect to
VIN; for step-up configuration, connect
to an inductor/diode.
4
SW2
Emitter Node of Power Transistor. For
step- down configuration, connect to
inductor/diode; for step-up configura-
tion, connect to ground. Do not allow
this pin to drop more than a diode drop
below ground.
5
GND
Ground.
6
AO
Auxiliary Gain (GB) Output. The open
collector can sink 100
µA.
7
SET
Gain Amplifier Input. The amplifier’s
positive input is connected to the SET
pin and its negative input is connected
to the 212 mV reference.
8
FB/SENSE
On the ADP1073 (adjustable) version
this pin is connected to the comparator
input. On the ADP1073-3.3, ADP1073-
5 and ADP1073-12, the pin goes di-
rectly to the internal application resistor
that sets output voltage.
PIN CONFIGURATIONS
8-Lead Plastic DIP
8-Lead Small Outline Package
(N-8)
(SO-8)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADP1073
ILIM
VIN
SW1
SW2
FB (SENSE)*
SET
AO
GND
* FIXED VERSIONS
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADP1073
ILIM
VIN
SW1
SW2
FB (SENSE)*
SET
AO
GND
* FIXED VERSIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP1073 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage, Step-Up Mode . . . . . . . . . . . . . . . 15 V
Input Supply Voltage, Step-Down Mode . . . . . . . . . . . . . 36 V
SW1 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V
SW2 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . –0.4 V to V
IN
Feedback Pin Voltage (ADP1073) . . . . . . . . . . . . . . . . . . . 5 V
Switch Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5 A
Maximum Power Dissipation
. . . . . . . . . . . . . . . . . . 500 mW
Operating Temperature Range (A) . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
ILIM
VIN
SW1
SENSE
SW2
GND
ADP1073-5
CADDELL-BURNS
7200-12
82 H
1N5818
+5V
40mA
100 F
SANYO
OS-CON
1.5V
AA CELL*
OPERATES WITH CELL VOLTAGE
1.0V
*ADD 10 F DECOUPLING CAPACITOR IF BATTERY
IS MORE THAN 2 INCHES AWAY FROM ADP1073
Figure 1. Typical Application
ORDERING GUIDE
Output
Package
Model*
Voltage
Options**
ADP1073AN
ADJ
N-8
ADP1073AR
ADJ
SO-8
ADP1073AN-3.3
3.3 V
N-8
ADP1073AR-3.3
3.3 V
SO-8
ADP1073AN-5
5 V
N-8
ADP1073AR-5
5 V
SO-8
ADP1073AN-12
12 V
N-8
ADP1073AR-12
12 V
SO-8
NOTES
**Temperature Range: 0
°C to +70°C.
**N = Plastic DIP; SO = Small Outline Package.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com