Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1148 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1148
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1148 Datasheet(HTML) 2 Page - Analog Devices

  ADP1148 Datasheet HTML 1Page - Analog Devices ADP1148 Datasheet HTML 2Page - Analog Devices ADP1148 Datasheet HTML 3Page - Analog Devices ADP1148 Datasheet HTML 4Page - Analog Devices ADP1148 Datasheet HTML 5Page - Analog Devices ADP1148 Datasheet HTML 6Page - Analog Devices ADP1148 Datasheet HTML 7Page - Analog Devices ADP1148 Datasheet HTML 8Page - Analog Devices ADP1148 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. A
ADP1148, ADP1148-3.3, ADP1148-5–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions2
Min
Typ
Max
Units
FEEDBACK VOLTAGE
ADP1148 Only
V10
VIN = 9 V
1.21
1.25
1.29
V
FEEDBACK CURRENT
ADP1148 Only
I10
0.2
1.0
µA
REGULATED OUTPUT VOLTAGE
VOUT
VIN = 9 V
ADP1148-3.3
ILOAD = 700 mA
3.23
3.33
3.43
V
ADP1148-5
ILOAD = 700 mA
4.9
5.05
5.2
V
OUTPUT VOLTAGE LINE
TA = +25
°C, V
IN = 7 V to 12 V,
REGULATION
dVOUT
ILOAD = 50 mA
–40
+40
mV
OUTPUT VOLTAGE LOAD
REGULATION
dVOUT
ADP1148-3.3
5 mA < ILOAD < 2 A
40
65
mV
ADP1148-5
5 mA < ILOAD < 2 A
60
100
mV
SLEEP MODE OUTPUT RIPPLE
dVOUT
ILOAD = 0 A
50
mV p-p
INPUT DC SUPPLY CURRENT3
IQ
TA = +25
°C
Normal Mode
VIN = 4 V < VIN < 18 V
1.6
2.3
mA
Sleep Mode (ADP1148-3.3)
VIN = 4 V < VIN < 18 V
160
250
µA
Sleep Mode (ADP1148-5)
VIN = 4 V < VIN < 18 V
160
250
µA
Shutdown
VSHUTDOWN = 2.1 V,
10
20
µA
4 V < VIN < 15 V
CURRENT SENSE THRESHOLD
V8–V7
V9 = VOUT/4 + 25 mV (Forced),
VOLTAGE
4
V7 = 5 V, TA = +25
°C25
mV
ADP1148 Only
V9 = VOUT/4 mV – 25 mV (Forced),
V7 = 5 V
130
150
170
mV
ADP1148-3.3
V7 = VOUT + 100 mV (Forced)
25
mV
V7 = VOUT – 100 mV (Forced)
130
150
170
mV
ADP1148-5
V7 = VOUT + 100 mV (Forced
25
mV
V7 = VOUT – 100 mV (Forced)
130
150
170
mV
SHUTDOWN PIN THRESHOLD
ADP1148-3.3, ADP1148-5
V10
TA = +25
°C
0.6
0.8
2.0
V
SHUTDOWN PIN INPUT CURRENT
I10
0 V < VSHUTDOWN < 8 V, VIN = 18 V
1.2
5
µA
CT PIN DISCHARGE CURRENT
I4
TA = +25
°C, V
OUT in Regulation,
V7 = VOUT,
506590
µA
VOUT = 0 V
2
10
µA
OFF-TIME
tOFF
CT = 390 pF, ILOAD = 700 mA
4
5
6
µs
DRIVER OUTPUT TRANSITION
tR, tF
CL = 3000 pF (Pins 1, 14)
TIMES
VIN = 6 V, TA = +25°C
100
200
ns
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Quality Control methods. Specifications subject to change without notice.
2T
J is calculated from the ambient temperature T A and power dissipation PD according to the following formulas:
ADP1148AR, ADP1148AR-3.3, ADP1148AR-5:
TJ = TA + (PD × 110°C/W)
ADP1148AN, ADP1148AN-3.3, ADP1148AN-5:
TJ = TA + (PD × 70°C/W)
3Dynamic supply current is higher due to the gate charge being delivered at the switching frequency. The allowable operating frequency may be limited by power
dissipation at high input voltages.
4The ADP1148 version is tested with external feedback resistors, setting the nominal output voltage to 3.3 V.
Specifications subject to change without notice.
(0 C
≤ T
A
≤ +70 C,1 V
IN = 10 V, VSHUTDOWN = 0 V, unless otherwise noted. See Figure 17.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com