Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3000 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices ADP3000 Datasheet HTML 10Page - Analog Devices ADP3000 Datasheet HTML 11Page - Analog Devices ADP3000 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADP3000
–9–
REV. 0
Typical Application Circuits
ILIM
VIN
SW1
SW2
SENSE
GND
ADP3000-3.3V
L1
6.8µH
120
Ω
8
1
2
4
5
3
1N5817
C1
100µF
10V
+
C2
100µF
10V
+
VIN
2V
→ 3.2V
VOUT
3.3V
180mA
L1 = SUMIDA CD43-6R8
C1, C2 = AVX TPS D107 M010R100
TYPICAL EFFICIENCY = 75%
Figure 20. 2 V to 3.3 V/180 mA Step-Up Converter
ILIM
VIN
SW1
SW2
SENSE
GND
ADP3000-5V
L1
6.8µH
120
Ω
8
1
2
4
5
3
1N5817
C1
100µF
10V
+
C2
100µF
10V
+
VIN
2V
→ 3.2V
VOUT
5V
100mA
L1 = SUMIDA CD43-6R8
C1, C2 = AVX TPS D107 M010R0100
TYPICAL EFFICIENCY = 80%
Figure 21. 2 V to 5 V/100 mA Step-Up Converter
ILIM
VIN
SW1
SW2
SENSE
GND
ADP3000-5V
L1
6.8µH
120
Ω
8
1
2
4
5
3
1N5817
C1
100µF
10V
+
C2
100µF
10V
+
VIN
2.7V
→ 4.5V
VOUT
5V
150mA
L1 = SUMIDA CD43-6R8
C1, C2 = AVX TPS D107 M010R100
TYPICAL EFFICIENCY = 80%
Figure 22. 2.7 V to 5 V/150 mA Step-Up Converter
ILIM
VIN
SW1
SW2
SENSE
GND
ADP3000-12V
L1
15µH
124
Ω
8
1
2
4
5
3
1N5817
C1
100µF
10V
+
C2
100µF
16V
+
VIN
4.5V
→ 5.5V
VOUT
12V
50mA
L1 = SUMIDA CD54-150
C1 = AVX TPS D107 M010R0100
C2 = AVX TPS E107 M016R0100
TYPICAL EFFICIENCY = 75%
Figure 23. 4.5 V to 12 V/ 50 mA Step-Up Converter
ILIM VIN SW1
FB
SW2
GND
ADP3000-ADJ
C1
100µF
10V
VIN
5V
→ 6V
4
1
2
3
8
5
+
L1
10µH
VOUT
3V
100mA
+
D1
IN5817
R2
150k
Ω
R1
110k
Ω
C2
100µF
10V
120
Ω
L1 = SUMIDA CD43-100
C1, C2 = AVX TPS D107 M010R100
TYPICAL EFFICIENCY = 75%
Figure 24. 5 V to 3 V/100 mA Step-Down Converter
ILIM VIN SW1
SENSE
SW2
GND
ADP3000-5V
C1
33µF
20V
VIN
10V
→ 13V
4
1
2
3
8
5
+
L1
10µH
VOUT
5V
250mA
+
D1
IN5817
250
Ω
L1 = SUMIDA CD43-100
C1 = AVX TPS D336 M020R0200
C2 = AVX TPS D107 M010R0100
TYPICAL EFFICIENCY = 77%
C2
100µF
10V
Figure 25. 10 V to 5 V/250 mA Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com