Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30200CT Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # MBR30200CT
Description  Power Schottky Rectifier - 30Amp 200Volt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR30200CT Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  MBR30200CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR30200CT Datasheet HTML 2Page - Sirectifier Global Corp. MBR30200CT Datasheet HTML 3Page - Sirectifier Global Corp. MBR30200CT Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 30Amp 200Volt
□
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
-ESD performance human body mode > 4 KV
□
Application
-AC/DC Switching Adaptor and other Switching Power Supply
-PDP
□
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
30
A
Average Forward Current
VRRM
200
V
Repetitive Peak Reverse Voltage
IFSM
350
A
Peak Forward Surge Current
VF
0.72
V
Forward Voltage Drop
Tj, Tstg
-50 to +175
º
C
Operating and Storage Temperature
□
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous Forward Voltage
VF
0.90V
0.72V
Per Leg at
IF = 15A
Tc = 25ºC
Tc = 125ºC
Maximum Reverse Leakage Current
IR
0.05mA
10mA
Per Leg at
VR = 200V
Tc = 25ºC
Tc = 125ºC
Typical Thermal Resistance,Junction to Case
Rθ (j-c)
2.2 ºC/W
4.5 ºC/W
1.25 ºC/W
1.1 ºC/W
Per Leg
TO-220AB
ITO-220AB
TO-247AD
TO-3P
June 2010 / Rev.6.6
E
L
E
C
T
R
O
N
I
C
MBR30200CT/FCT/PT


Similar Part No. - MBR30200CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR30200CT ETC2-MBR30200CT Datasheet
104Kb / 1P
30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
logo
Compact Technology Corp...
MBR30200CT CTC-MBR30200CT Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR30200CT SIRECT-MBR30200CT Datasheet
146Kb / 3P
Power Schottky Rectifier - 30Amp 200Volt
logo
Pan Jit International I...
MBR30200CT PANJIT-MBR30200CT Datasheet
69Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
MBR30200CT FORMOSA-MBR30200CT Datasheet
367Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 30.0 Amperes
More results

Similar Description - MBR30200CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20H200CT SIRECT-MBR20H200CT Datasheet
216Kb / 2P
Power Schottky Rectifier - 20Amp 200Volt
MBR30200CT SIRECT-MBR30200CT Datasheet
146Kb / 3P
Power Schottky Rectifier - 30Amp 200Volt
SB10200FC SIRECT-SB10200FC Datasheet
219Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
MBR10B200CTH SIRECT-MBR10B200CTH Datasheet
147Kb / 4P
Power Schottky Rectifier - 10Amp 200Volt
MBR10L200CTH SIRECT-MBR10L200CTH Datasheet
132Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
MBR20B200CTH SIRECT-MBR20B200CTH Datasheet
147Kb / 4P
Power Schottky Rectifier - 20Amp 200Volt
MBR10200CT SIRECT-MBR10200CT Datasheet
133Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
MBR20200CTH SIRECT-MBR20200CTH Datasheet
134Kb / 3P
Power Schottky Rectifier - 20Amp 200Volt
logo
Kersemi Electronic Co.,...
MBR30200CT KERSEMI-MBR30200CT Datasheet
1Mb / 4P
Power Schottky Rectifier - 30Amp 200Volt
MBR30200FCT KERSEMI-MBR30200FCT Datasheet
1Mb / 4P
Power Schottky Rectifier - 30Amp 200Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com