Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3154 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3154
Description  5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3154 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3154 Datasheet HTML 3Page - Analog Devices ADP3154 Datasheet HTML 4Page - Analog Devices ADP3154 Datasheet HTML 5Page - Analog Devices ADP3154 Datasheet HTML 6Page - Analog Devices ADP3154 Datasheet HTML 7Page - Analog Devices ADP3154 Datasheet HTML 8Page - Analog Devices ADP3154 Datasheet HTML 9Page - Analog Devices ADP3154 Datasheet HTML 10Page - Analog Devices ADP3154 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
ADP3154
–7–
CT is discharged by a constant current of 65
µA. Once C
T
reaches 2.3 V, a new on-time cycle is initiated. The value of the
off-time is calculated using the continuous-mode operating
frequency. Assuming a nominal operating frequency of fNOM =
200 kHz at an output voltage of 2.0 V, the corresponding off
time is:
t
V
Vf
s
OFF
O
IN
NOM
=
=
1
1
30
–.
µ
The timing capacitor can be calculated from the equation:
C
tA
V
pF
T
OFF
=
×
=
65
1
200
µ
The converter operates at the nominal operating frequency only
at the above specified VOUT and at light load. At higher VOUT or
heavy load, the operating frequency decreases due to the para-
sitic voltage drops across the power devices. The actual mini-
mum frequency at VOUT = 2.0 V is calculated to be 180 kHz (see
Equation 1), where:
IIN
is the input dc current
(assuming an efficiency of 90%, IIN = 7.5 A)
RIN
is the resistance of the input filter
(estimated value: 7 m
Ω)
RDS(ON)HSF
is the resistance of the high side MOSFET
(estimated value: 10 m
Ω)
RDS(ON)LSF
is the resistance of the low side MOSFET
(estimated value: 10 m
Ω)
RSENSE
is the resistance of the sense resistor
(estimated value: 5 m
Ω)
RL
is the resistance of the inductor
(estimated value: 6 m
Ω)
COUT Selection–Determining the ESR
The required ESR and capacitance drive the selection of the
type and quantity of the output capacitors. The ESR must be
small enough that both the resistive voltage deviation due to a
step change in the load current and the output ripple voltage
stay below the values defined in the specification of the supplied
microprocessor. The capacitance must be large enough that the
output is held up while the inductor current ramps up or down
to the value corresponding to the new load current.
The total static tolerance of the Pentium III processor is 140 mV.
Taking into account the
±1% setpoint accuracy of the ADP3154,
and assuming a 0.5% (or 10 mV) peak-to-peak ripple, the
allowed static voltage deviation of the output voltage when the
load changes between the minimum and maximum values is
90 mV. Assuming a step change of
∆I = I
OMAX–IOMIN = 16 A,
and allocating all of the total allowed static deviation to the
contribution of the ESR sets the following limit:
R
ESR
mV
A
m
E MAX
MAX
()
.
==
=
1
30
16
56
Ω
The output filter capacitor must have an ESR of less than 5.6 m
Ω.
One can use, for example, two SP Type OS-CON capaci-
tors from Sanyo, with 2200
µF capacitance, 7 V voltage rating,
and 10 m
Ω ESR. The two capacitors have a total ESR of 5.0 mΩ
when connected in parallel, which gives adequate margin.
f
t
VI
R
I
R
R
R
V
VI
R
I
R
R
R
R
kHz
MIN
OFF
IN
IN
IN
OMAX
DS ON HSF
SENSE
L
O
IN
IN
IN
OMAX
DS ON HSF
SENSE
L
DS ON LSF
=×
++
++
=
1
180
––
(
) –
––
(
–
)
()
()
()
(1)
Power Good
The ADP3154 has an internal monitor that senses the output
voltage and drives the PWRGD pin of the device. This pin is an
open drain output whose high level (when connected to a pull-
up resistor) indicates that the output voltage has been within a
±5% regulation band of the targeted value for more than 500 µs.
The PWRGD pin will go low if the output is outside the regula-
tion band for more than 500
µs.
Output Crowbar
An added feature of using an N-channel MOSFET as the syn-
chronous switch is the ability to crowbar the output with the
same MOSFET. If the output voltage is 15% greater than the
targeted value, the ADP3154 will turn on the lower MOSFET,
which will current-limit the source power supply or blow its
fuse, pull down the output voltage, and thus save the micropro-
cessor from destruction. The crowbar function releases at ap-
proximately 50% of the nominal output voltage. For example, if
the output is programmed to 2.0 V, but is pulled up to 2.3 V or
above, the crowbar will turn on the lower MOSFET. If in this
case the output is pulled down to less than 1.0 V, the crowbar
will release, allowing the output voltage to recover to 2.0 V if
the fault condition has been removed.
Shutdown
The ADP3154 has a shutdown (SD) pin that is pulled down by
an internal resistor. In this condition the device functions nor-
mally. This pin should be pulled high to disable the output drives.
APPLICATION INFORMATION
Specifications for a Design Example
The design parameters for a typical 550 MHz Pentium III appli-
cation (Figure 2) are as follows:
Input voltage: VIN = 5 V
Auxiliary input: VCC = 12 V
Output voltage: VO = 2.0 V
Maximum output current:
IOMAX = 17.0 A dc
Minimum output current:
IOMIN = 1.0 A dc
Static tolerance of the supply voltage for the processor core:
∆V
OST+ = +70 mV
∆V
OST– = –70 mV
Transient tolerance (for less than 2
µs) of the supply voltage for
the processor core when the load changes between the minimum
and maximum values with a di/dt of 30 A/
µs:
∆V
OTR+ = +140 mV
∆V
OTR– = –140 mV
Input current di/dt when the load changes between the mini-
mum and maximum values: less than 8 A/
µs.
The above requirements correspond to Intel’s published power
supply requirements based on Intel Pentium III specification
guidelines.
CT Selection for Operating Frequency
The ADP3154 uses a constant-off-time architecture with tOFF
determined by an external timing capacitor CT. Each time the
high side N-channel MOSFET switch turns on, the voltage
across CT is reset to approximately 3.3 V. During the off time,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com