Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3156 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3156
Description  Dual Power Supply Controller for Desktop Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3156 Datasheet(HTML) 3 Page - Analog Devices

  ADP3156 Datasheet HTML 1Page - Analog Devices ADP3156 Datasheet HTML 2Page - Analog Devices ADP3156 Datasheet HTML 3Page - Analog Devices ADP3156 Datasheet HTML 4Page - Analog Devices ADP3156 Datasheet HTML 5Page - Analog Devices ADP3156 Datasheet HTML 6Page - Analog Devices ADP3156 Datasheet HTML 7Page - Analog Devices ADP3156 Datasheet HTML 8Page - Analog Devices ADP3156 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
ADP3156
–3–
ABSOLUTE MAXIMUM RATINGS*
Input Supply Voltage (VCC) . . . . . . . . . . . . . . . –0.3 V to +16 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V
Operating Ambient Temperature Range . . . . . . 0
°C to +70°C
Junction Temperature Range . . . . . . . . . . . . . . 0
°C to +150°C
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +300
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
ORDERING GUIDE
Buck Converter
Package
Model
Output Voltage
Option
ADP3156JR-1.5
1.5 V
R-16A/SO-16
ADP3156JR-1.8
1.8 V
R-16A/SO-16
ADP3156JR-2.5
2.5 V
R-16A/SO-16
PIN CONFIGURATION
16-Lead SOIC
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
NC
NC
AGND
SD
FB
VLDO
SENSE–
SENSE+
PGND
NC
DRIVE1
DRIVE2
VCC
PWRGD
CMP
CT
ADP3156
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1, 2, 15
NC
No Connect.
3
AGND
Analog Ground. All internal signals of the ADP3156 are referenced to this ground.
4
SD
Shutdown. A logic high will place the ADP3156 in shutdown and disable both outputs. This pin
is internally pulled down.
5
FB
Feedback connection for the linear controller. Connect this pin to the resistor divider network to
set the output voltage of the linear regulator.
6VLDO
Gate Drive for the linear regulator N-channel MOSFET.
7
SENSE–
Connects to the internal resistor divider that senses the output voltage. This pin is also the refer-
ence input for the current comparator.
8
SENSE+
(+) input for the current comparator. The output current is sensed as a voltage at this pin with
respect to SENSE–.
9CT
External Capacitor CT connection to ground sets the off-time of the device.
10
CMP
Error Amplifier output and compensation point. The voltage at this output programs the
output current control level between the SENSE pins.
11
PWRGD
Power Good. An open drain signal indicates the output voltage is within a
±5% regulation band.
12
VCC
Supply Voltage to ADP3156.
13
DRIVE2
Gate Drive for the (bottom) Synchronous Rectifier N-channel MOSFET. The voltage at DRIVE2
swings from ground to VCC.
14
DRIVE1
Gate Drive for the buck switch N-channel MOSFET. The voltage at DRIVE1 swings from
ground to VCC.
16
PGND
Power Ground. The drivers turn off the buck and synchronous MOSFETs by discharging their
gate capacitances to this pin. PGND should have a low impedance path to the source of the syn-
chronous MOSFET.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3156 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com