Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3157 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3157
Description  5-Bit Programmable Synchronous Controller for Pentium III Processors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3157 Datasheet(HTML) 2 Page - Analog Devices

  ADP3157 Datasheet HTML 1Page - Analog Devices ADP3157 Datasheet HTML 2Page - Analog Devices ADP3157 Datasheet HTML 3Page - Analog Devices ADP3157 Datasheet HTML 4Page - Analog Devices ADP3157 Datasheet HTML 5Page - Analog Devices ADP3157 Datasheet HTML 6Page - Analog Devices ADP3157 Datasheet HTML 7Page - Analog Devices ADP3157 Datasheet HTML 8Page - Analog Devices ADP3157 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
ADP3157–SPECIFICATIONS (0 C ≤T
A
≤ +70 C, V
CC = 12 V, VIN = 5 V, unless otherwise noted)
1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT ACCURACY
1.3 V Output Voltage
VO
(Figure 13)
1.283
1.3
1.317
V
2.0 V Output Voltage
1.980
2.0
2.020
V
3.5 V Output Voltage
3.465
3.5
3.535
V
OUTPUT VOLTAGE LINE
∆V
O
ILOAD = 10 A (Figure 2)
REGULATION
VIN = 4.75 V to 5.25 V
0.05
%
INPUT DC SUPPLY CURRENT
2
Normal Mode
IQ
VSD = 0.6 V
4.1
5.5
mA
Shutdown
TA = +25°C, VID Pins Floating
140
250
µA
CURRENT SENSE THRESHOLD
VOLTAGE
VSENSE(TH)
VSENSE– Forced to VOUT – 3%
125
145
165
mV
VID0–VID4 THRESHOLD
VID(TH)
Low
0.6
V
High
2.0
V
VID0–VID4 INPUT CURRENT
IVID
VID = 0 V
110
220
µA
VID0–VID4 PULL-UP RESISTANCE
RVID
20
30
k
Ω
CT PIN DISCHARGE CURRENT
I12
TA = +25°C
VOUT in Regulation
65
µA
VOUT = 0 V
2
10
µA
OFF-TIME
tOFF
CT = 150 pF
1.8
2.45
3.2
µs
DRIVER OUTPUT TRANSITION
tR, tF
CL = 7000 pF (Drive 1, 2)
TIME
TA = +25°C
120
200
ns
POSITIVE POWER GOOD TRIP POINT
3
VPWRGD
% Above Output Voltage
5
8
%
NEGATIVE POWER GOOD TRIP POINT3
VPWRGD
% Below Output Voltage
–8
–5
%
POWER GOOD RESPONSE TIME
tPWRGD
500
µs
CROWBAR TRIP POINT
VCROWBAR
% Above Output Voltage
9
15
24
%
ERROR AMPLIFIER
OUTPUT IMPEDANCE
ROERR
275
k
Ω
ERROR AMPLIFIER
TRANSCONDUCTANCE
gm(ERR)
2.2
mmho
ERROR AMPLIFIER MINIMUM
OUTPUT VOLTAGE
VCMPMIN
VSENSE+ Forced to VOUT + 3%
0.8
V
ERROR AMPLIFIER MAXIMUM
OUTPUT VOLTAGE
VCMPMAX
VSENSE+ Forced to VOUT – 3%
2.4
V
ERROR AMPLIFIER BANDWIDTH –3 dB
BWERR
CMP = Open
500
kHz
SHUTDOWN (SD) PIN
Low Threshold
SDL
Part Active
0.6
V
High Threshold
SDH
Part in Shutdown
2.0
V
Input Current
SDIC
10
µA
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2Dynamic supply current is higher due to the gate change being delivered to the external MOSFETs.
3The trip point is for the output voltage coming into regulation.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com