Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSA30L Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # RSA30L
Description  ESD protection device (TVS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

RSA30L Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  RSA30L Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. RSA30L Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
IR DISRESION MAP
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Ct DISRESION MAP
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
ZENER CURRENT(mA)
Zz-Iz CHARACTERISTICS
Vz DISRESION MAP
TIME:t(s)
Rth-t CHARACTERISTICS
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
0
5
10
15
20
25
Ta=25℃
Ta=-25℃
Ta=75℃
Ta=125℃
Ta=150℃
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
Ta=25℃
VR=3.5V
n=30pcs
AVE:0.0143nA
0.1
1
10
0
5
10
15
20
25
f=1MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
AVE:0.884nF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
25
26
27
28
29
30
31
32
33
34
Ta=75℃
Ta=-25℃
Ta=25℃
Ta=125℃
Ta=150℃
1
10
100
0.1
1
10
27
28
29
30
31
32
AVE:29.651V
Ta=25℃
IF=1mA
n=30pcs
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=10mA
IF=0.5A
300us
time
Mounted on epoxy board
0
5
10
15
20
25
30
No break at 30kV
C=100pF
R=1.5kΩ
C=200pF
R=0Ω
No break at 30kV
ESD DISPERSION MAP
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
Ppk
W
VRMN
V
Tj
°C
Tstg
°C
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VBR
28.5
-
31.5
V
IR=1.0mA
VC
-
-
41.4
V
Ipp=14.4A
IR
--
5
uA
VRMN=25.6V
Parameter
Limits
Peak pulse (tp=10×1000us)
600
Stand off power
25.6
Junction temperature
150
Clamping voltage
Reverse current
Storage temperature
55 to 150
Parameter
Breakdown voltage
RSA30L
ESD protection device (TVS)
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com