Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3338 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3338
Description  High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338 Datasheet(HTML) 2 Page - Analog Devices

  ADP3338 Datasheet HTML 1Page - Analog Devices ADP3338 Datasheet HTML 2Page - Analog Devices ADP3338 Datasheet HTML 3Page - Analog Devices ADP3338 Datasheet HTML 4Page - Analog Devices ADP3338 Datasheet HTML 5Page - Analog Devices ADP3338 Datasheet HTML 6Page - Analog Devices ADP3338 Datasheet HTML 7Page - Analog Devices ADP3338 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADP3338–SPECIFICATIONS1, 2, 3
(VIN = 6.0 V, CIN = COUT = 1 F, TJ = –40 C to +125 C, unless otherwise
noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT
Voltage Accuracy
VOUT
VIN = VOUTNOM + 0.4 V to 8 V
–0.8
+0.8
%
IL = 0.1 mA to 1 A
TJ = 25
°C
VIN = VOUTNOM + 0.4 V to 8 V
–1.4
+1.4
%
IL = 0.1 mA to 1 A
TJ = –40
°C to +125°C
VIN = VOUTNOM + 0.4 V to 8 V
–1.6
+1.6
%
IL = 50 mA to 1 A
TJ = 150
°C
Line Regulation
VIN = VOUTNOM + 0.4 V to 12 V
0.04
mV/V
TJ = 25
°C
Load Regulation
IL = 0.1 mA to 1 A
0.006
mV/mA
TJ = 25
°C
Dropout Voltage
VDROP
VOUT = 98% of VOUTNOM
IL = 1 A
190
400
mV
IL = 500 mA
125
200
mV
IL = 100 mA
70
150
mV
Peak Load Current
ILDPK
VIN = VOUTNOM + 1 V
1.6
A
Output Noise
VNOISE
f = 10 Hz–100 kHz, CL = 10
µF95
µV rms
IL = 1 A
GROUND CURRENT
In Regulation
IGND
IL = 1 A
9
30
mA
IL = 500 mA
4.5
15
mA
IL = 100 mA
0.9
3
mA
IL = 0.1 mA
110
190
µA
In Dropout
IGND
VIN = VOUTNOM – 100 mV
190
600
µA
IL = 0.1 mA
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2Application stable with no load.
3V
IN = 2.7 V for models with VOUTNOM
≤ 2.2 V.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com