Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3367 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3367
Description  5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3367 Datasheet(HTML) 5 Page - Analog Devices

  ADP3367 Datasheet HTML 1Page - Analog Devices ADP3367 Datasheet HTML 2Page - Analog Devices ADP3367 Datasheet HTML 3Page - Analog Devices ADP3367 Datasheet HTML 4Page - Analog Devices ADP3367 Datasheet HTML 5Page - Analog Devices ADP3367 Datasheet HTML 6Page - Analog Devices ADP3367 Datasheet HTML 7Page - Analog Devices ADP3367 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADP3367
REV. 0
–5–
APPLICATIONS INFORMATION
Circuit Configurations
For a fixed +5 V output the SET input should be grounded, and
no external resistors are necessary. This basic configuration is
shown in Figure 8. The input voltage can range from +5.15 V
to +16.5 V, and output currents up to 300 mA are available
provided that the maximum package power dissipation is not
exceeded.
IN
OUT
GND
SET
SHDN
ADP3367
+5V
OUTPUT
C1
10µF
++
Figure 8. Fixed +5 V Output Circuit
Output Voltage Setting
If the SET input is connected to a resistor divider network, the
output voltage is set according to the following equation:
VOUT =VSET ×
R1
+ R2
R1
where VSET = 1.255 V.
IN
OUT
GND
SET
SHDN
ADP3367
+
R1
R2
VIN
VOUT
C1
10µF
Figure 9. Adjustable Output Circuit
The resistor values may be selected by first choosing a value for
R1 and then selecting R2 according to the following equation:
R2
= R1×
VOUT
V SET
− 1


The input leakage current on SET is 10 nA maximum. This
allows large resistor values to be chosen for R1 and R2 with
little degradation in accuracy. For example, a 1 M
Ω resistor
may be selected for R1, and then R2 may be calculated accord-
ingly. The tolerance on SET is guaranteed at less than
±25 mV,
so in most applications fixed resistors will be suitable.
Shutdown Input (SHDN)
The SHDN input allows the regulator to be switched off with a
logic level signal. This will disable the output and reduce the
current drain to a low quiescent (0.75
µA maximum) current.
This is very useful for low power applications. Driving the
SHDN input to greater than 1.5 V places the part in shutdown.
If the shutdown function is not being used, then SHDN should
be connected to GND.
Low Supply or Low Battery Detection
The ADP3367 contains on-chip circuitry for low power supply
or battery detection. If the voltage on the LBI pin falls below
the internal 1.255 V reference, then the open drain output LBO
will go low. The low threshold voltage may be set to any voltage
above 1.255 V by appropriate resistor divider selection.
R3
= R4 ×
V
BATT
V
LBI
−1


where R3 and R4 are the resistive divider resistors and VBATT is
the desired low voltage threshold.
Since the LBI input leakage current is less than 10 nA, large
values may be selected for R3 and R4 in order to minimize
loading. For example, a 6 V low threshold, may be set using
10 M
Ω for R3 and 2.7 MΩ for R4.
The LBO output is an open-drain output that goes low sinking
current when LBI is less than 1.255 V. A pull-up resistor of
10 k
Ω or greater may be used to obtain a logic output level with
the pull-up resistor connected to VOUT.
IN
OUT
LBO
ADP3367
C1
10µF
+
10k
Ω
VIN
LBI
GND
SET
SHDN
R3
R4
LOW BATTERY
STATUS OUTPUT
VOUT
Figure 10. Low Battery/Supply Detect Circuit
Dropout Detector
The ADP3367 features an extremely low dropout voltage mak-
ing it suitable for low voltage systems where headroom is
limited. A dropout detector is also provided. The dropout
detector output, DD, changes as the dropout voltage approaches
its limit. This is useful for warning that regulation can no longer be
maintained. The dropout detector output is an open collector out-
put from a PNP transistor. Under normal operating conditions
with the input voltage more than 300 mV above the output, the
PNP transistor is off and no current flows out the DD pin. As the
voltage differential reduces to less than 300 mV, the transistor
switches on and current is sourced. This condition indicates that
regulation can no longer be maintained. Please refer to Figure 4 in
the “Typical Performance Characteristics.” The current output
can be translated into a voltage output by connecting a resistor
from DD to GND. A resistor value of 100 k
Ω is suitable. A digital
status signal can be obtained using a comparator. The on-chip
comparator LBI may be used if it is not being used to monitor a
battery voltage. This is illustrated in Figure 11.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com