Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3408 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3408 Datasheet HTML 6Page - Analog Devices ADP3408 Datasheet HTML 7Page - Analog Devices ADP3408 Datasheet HTML 8Page - Analog Devices ADP3408 Datasheet HTML 9Page - Analog Devices ADP3408 Datasheet HTML 10Page - Analog Devices ADP3408 Datasheet HTML 11Page - Analog Devices ADP3408 Datasheet HTML 12Page - Analog Devices ADP3408 Datasheet HTML 13Page - Analog Devices ADP3408 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP3408
REV. 0
–10–
Q
S
R
DEEP
DISCHARGED
UVLO
OVER- TEMP
SHUTDOWN
CHARGER
DETECT
UVLO
VBAT
VREF
EN
OUT
DGND
SIM LDO
VBAT
VREF
EN
OUT
DGND
DIGITAL CORE LDO
VBAT
VREF
EN
OUT
AGND
ANALOG LDO
PG
RESET
GENERATOR
VBAT
VREF
EN
OUT
AGND
TCXO LDO
VBAT
VREF
EN
OUT
DGND
MEMORY LDO
VBAT
VREF
EN
OUT
DGND
RTC LDO
EN REF
BUFFER
1.21V
AGND
LI-ION
BATTERY
CHARGE
CONTROLLER
AND
PROCESSOR
CHARGE
INTERFACE
ADP3408
PWRONKEY
ROWX
PWRONIN
SIMEN
TCXOEN
RESCAP
CHRDET
EOC
CHGEN
GATEIN
BATSNS
ISENSE
GATEDR
CHRIN
MVBAT
DGND
AGND
REFOUT
VRTC
VMEM
VTCXO
RESET
VAN
VCORE
VSIM
VBAT2
VRTCIN
VBAT
+
–
100k
Figure 1. Functional Block Diagram
ADP3408
BATTERY
CHARGE
CONTROLLER
EOC
CHGEN
GATEIN
BATSNS
GATEDR
ISENSE
CHRIN (10V MAX)
CHRDET
R1
0.2
C1
10nF
Q1
SI3441DY
D1
Figure 2. Battery Charger Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com