Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3605 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3605
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605 Datasheet(HTML) 7 Page - Analog Devices

  ADP3605 Datasheet HTML 1Page - Analog Devices ADP3605 Datasheet HTML 2Page - Analog Devices ADP3605 Datasheet HTML 3Page - Analog Devices ADP3605 Datasheet HTML 4Page - Analog Devices ADP3605 Datasheet HTML 5Page - Analog Devices ADP3605 Datasheet HTML 6Page - Analog Devices ADP3605 Datasheet HTML 7Page - Analog Devices ADP3605 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADP3605
–7–
REV. A
Maximum Output Voltage
Maximum unregulated output voltage can be obtained on the
ADP3605-3 by connecting the VSENSE pin to ground instead of
to the VOUT pin. Under this condition, the magnitude of the
unregulated output voltage depends on the load current. VOUT
is inversely proportional to the load current as illustrated in
Figure 15.
LOAD CURRENT – mA
–5.0
–3.0
0
120
20
40
60
80
100
–4.0
ADP3605-3
VIN = +5.0V
Figure 15. Maximum Unregulated Output Voltage
Regulated Adjustable Output Voltage
For the adjustable version of the ADP3605, the regulated out-
put voltage is programmed by a resistor which is inserted be-
tween the VSENSE and VOUT pins, as illustrated in Figure 16.
The inherent limit of the output voltage of a single inverting
charge pump stage is –1 times the input voltage. The inverse
(i.e., negative) scaling factor of 1.00 is reduced somewhat due to
losses that increase with output current. To increase the scaling
factor to attain a more negative output voltage, an external
pump stage can be added with just passive components as
shown in Figure 17. That single stage increases the inverse
scaling factor to a limit of two, although the diode drops will
limit the ability to attain that exact 2.00 scaling factor notice-
ably. Even further increases can be achieved with more external
pump stages.
LOAD CURRENT – mA
–5.0
–3.0
0
120
20
40
60
80
100
–4.0
ADP3605
VIN = +5.0V
VOUT
R
R = 29k
R = 24k
Figure 16. Adjustable Regulated Output Voltage
High accuracy on the adjustable output voltage is achieved with
the use of precision trimmed internal resistors, which eliminates
the need to trim the external resistor or add a second resistor to
form a divider. The adjustable output voltage is set using the
following formula:
VOUT
= –
1.5
9.5
k
Ω
R
where
VOUT is in volts and R is in kΩ.
Regulated Dual Supply System
The circuit in Figure 18 provides regulated positive and negative
voltages for systems that require dual supplies from a single
battery or power supply.
ADP3605
VIN
CP+
CP–
SD
VSENSE
VOUT
GND
+
CP
4.7 F
CIN
4.7 F
VIN = +5V
CO
4.7 F
+
+
10 F
C1
4.7 F
D2
1N5817
D1
1N5817
+
+
R1
44.2k
Figure 17. Regulated –7 V from a 5 V Input
ADP3607-5
VIN
CP+
CP–
SD
VSENSE
VOUT
GND
+
CP1
10 F
10 F
CO1
10 F
+
+
+5V
ADP3605
VIN
CP+
CP–
SD
VSENSE
VOUT
GND
+
CP2
10 F
CO2
10 F
+
R1
16.5k
1%
1N5817
VIN = +3.3V
–2.6V
Figure 18. Dual Supply System



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com