Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3607 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3607
Description  50 mA Switched Capacitor Voltage Boost with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3607 Datasheet(HTML) 5 Page - Analog Devices

  ADP3607 Datasheet HTML 1Page - Analog Devices ADP3607 Datasheet HTML 2Page - Analog Devices ADP3607 Datasheet HTML 3Page - Analog Devices ADP3607 Datasheet HTML 4Page - Analog Devices ADP3607 Datasheet HTML 5Page - Analog Devices ADP3607 Datasheet HTML 6Page - Analog Devices ADP3607 Datasheet HTML 7Page - Analog Devices ADP3607 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. 0
ADP3607
–5–
SUPPLY VOLTAGE – Volts
100
0
3.0
3.5
4.0
4.5
5.0
50
FIXED VERSION
ADJUSTABLE VERSION
R = 38k
150
200
250
300
Figure 11. Supply Current vs. Supply Voltage in
Shutdown Mode
LOAD CURRENT – mA
040
50
0
30
20
10
10
20
30
40
50
60
70
80
Figure 12. Efficiency vs. Load Current Based on Circuit of
Figure 1
CH2
CH4 10.0mV
20.0mV
CH4
9.0mV
VO = +5.0V
VO = +4.96V
IO = 50mA
IO = 1mA
VOUT
IL
M4.00 s
BW
BW
Figure 13. Load Transient Response Based on Circuit of
Figure 1
SUPPLY VOLTAGE – Volts
3.6
3.5
3.3
3.0
3.5
4.0
4.5
5.0
3.4
3.7
FIXED VERSION
ADJUSTABLE VERSION
R = 38k
Figure 8. Supply Current vs. Supply Voltage in
Normal Mode
200
180
120
–40
–15
10
35
60
85
TEMPERATURE – C
VIN = +5.0V
160
140
VIN = +4.0V
220
240
VIN = +3.3V
VIN = +3.0V
Figure 9. Supply Current vs. Temperature in
Shutdown Mode
CH2
CH1 2.00V
2.00V M2.00ms CH2
T
1.12V
VO = +5.0V
VO = 0V
VIN = +3.3V
VIN = 0V
VOUT
VIN
Figure 10. Start-up Under Full Load Based on Circuit of
Figure 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com