Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3801 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP3801
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3801 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP3801 Datasheet HTML 12Page - Analog Devices ADP3801 Datasheet HTML 13Page - Analog Devices ADP3801 Datasheet HTML 14Page - Analog Devices ADP3801 Datasheet HTML 15Page - Analog Devices ADP3801 Datasheet HTML 16Page - Analog Devices ADP3801 Datasheet HTML 17Page - Analog Devices ADP3801 Datasheet HTML 18Page - Analog Devices ADP3801 Datasheet HTML 19Page - Analog Devices ADP3801 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADP3801/ADP3802
–17–
REV. 0
The 60 second wait period allows the output capacitor to dis-
charge before switching from one battery to the next. Without
this wait period, the capacitor would be fully charged when
switched to an uncharged battery. The current under this condi-
tion is only limited by the ESR of the capacitor, the ON resis-
tance of the FET and diode, and the series resistance of the
battery. These values are typically very small, so current in
excess of 5 amps can flow for a short time period. In most
practical circuits the wait period is not required, but it is good
practice to have it in
µC controlled systems. The duration of the
wait period is determined by the RC time constant of CO and RB
and can be adjusted by changing these components.
The two Si4463 switches are turned on by connecting their
gates to ground. In a short circuit or overdischarged battery
condition, the switches could be operated in their linear region.
This may result in high power dissipation and excessive die
temperature rise. In
µC controlled chargers a simple monitor
routine can reduce the charge current if the battery voltage is
lower than about 2 V. This should not happen under normal
circumstances as the Li-Ion cells are not discharged below
2.5 V/cell.
Low Overhead Charging
For applications where the input supply is less than 2 V higher
than the final battery voltage, the circuit of Figure 32 can be
used. This circuit adds a resistor divider to the input of the
current sense amplifier to increase its common-mode input
voltage range. The value of this resistor divider should divide
down the battery voltage such that the common-mode voltage at
CS+ and CS– is at least 2 V less than the chip’s VCC. The
formula for the ratio is:
R
RR
VCC
V
VBAT
MIN
MAX
2
12
2
+
≤
−
For example, if VCCMIN = 9 V and VBATMAX = 8.4 V, then the
ratio would be 0.833. To provide some headroom for resistor
tolerances and line drops, the actual ratio should be lowered to
0.8. The resistors should be reasonably large to keep the current
drain low. Values of R1 = 20 k
Ω (0.1%) and R2 = 80 kΩ (0.1%)
work well. A diode is added between the current sense resistor
and the battery to prevent discharging the battery through these
resistors.
ADP3801/
ADP3802
CS+
CS–
R1
20k
R1
20k
R2
80k
R2
80k
430pF
RCS
0.1
430pF
Figure 32. Low Overhead Charging
Because the current sense voltage is divided down by these
input resistors, the current sense programming function also
changes. Remember to adjust the programming function by the
same ratio. In this example, the programming function would
become 0.125 V/V. Also, the EOC current detection point changes
by the same factor.
An alternative to adding the resistor divider is to use a low side
current sense. The CS+ and CS– inputs have a common-mode
range that extends approximately 300 mV below ground. The
circuit in Figure 33 shows how a low side current sense would
be configured. The current programming function, EOC detec-
tion point, and ac performance do not change from the normal
configuration.
Si4463
VCC
DRV
EOC CS–
CS+
ISET
BATA
BATB
A/B
PROG
ADJ
COMP
GND
SD
RESET
VISET
RCS
40m
4.3k
4.3k
2.2nF
GND
VIN
VL
0.1 F
0.1 F
VL
VBATPROG
210 F
ADP3801/ADP3802
2.2nF
Figure 33. Low Side Current Sensing For Low Overhead
Charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com