Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3820 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3820
Description  Lithium-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3820 Datasheet(HTML) 4 Page - Analog Devices

  ADP3820 Datasheet HTML 1Page - Analog Devices ADP3820 Datasheet HTML 2Page - Analog Devices ADP3820 Datasheet HTML 3Page - Analog Devices ADP3820 Datasheet HTML 4Page - Analog Devices ADP3820 Datasheet HTML 5Page - Analog Devices ADP3820 Datasheet HTML 6Page - Analog Devices ADP3820 Datasheet HTML 7Page - Analog Devices ADP3820 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP3820
–4–
REV. A
–Typical Performance Characteristics
ILOAD – mA
4.110
4.105
4.090
0
1000
200
400
600
800
4.100
4.095
VIN = 5.1V
Figure 2. VOUT vs. ILOAD (VIN = 5.1 V)*
4.110
4.105
4.090
515
7
911
13
4.100
4.095
INPUT VOLTAGE – V
ILOAD = 1A
Figure 3. VOUT vs. VIN (ILOAD = 1 A)*
4.110
4.105
4.090
515
7
911
13
4.100
4.095
INPUT VOLTAGE – V
ILOAD = 10mA
Figure 4. VOUT vs. VIN (ILOAD = 10 mA)*
INPUT VOLTAGE – V
0.760
0.740
0.680
515
7
911
13
0.720
0.700
0.660
0.640
0.620
ILOAD = 10mA
Figure 5. IGND vs. VIN (ILOAD = 10 mA)*
INPUT VOLTAGE – V
0.900
0.850
0.700
515
7
11
13
0.800
0.750
ILOAD = 1A
9
Figure 6. IGND vs. VIN (ILOAD = 1 A)*
ILOAD – mA
1.200
0.500
0.001
1000
1.100
10
0.1
1.000
0.900
0.800
0.700
0.600
VIN = 5.1V
Figure 7. IGND vs. ILOAD (VIN = 5.1 V)*
*Reference Figure 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com