Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC2125N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC2125N
Description  Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2125N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC2125N Datasheet HTML 1Page - IXYS Corporation CPC2125N Datasheet HTML 2Page - IXYS Corporation CPC2125N Datasheet HTML 3Page - IXYS Corporation CPC2125N Datasheet HTML 4Page - IXYS Corporation CPC2125N Datasheet HTML 5Page - IXYS Corporation CPC2125N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC2125N
www.ixysic.com
3
R02
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.250
1.255
1.260
1.265
1.270
1.275
0
5
10
15
20
25
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=60mA)
Turn-Off Time (ms)
0.20
0.23
0.26
0.29
0.32
0.35
0.38
0
5
10
15
20
25
30
Typical Turn-Off Time
(N=50, I
F=5mA, IL=60mA)
LED Forward Current (mA)
0.12
0.14
0.16
0.18
0.20
0.22
0
5
10
15
20
25
Typical LED Forward Current
to Activate
(N=50, I
L=120mA)
On-Resistance ( )
24
25
25
26
27
28
28
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=0mA, IL=100mA)
Blocking Voltage (V
P)
400
410
420
430
440
450
460
470
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50, I
F=2mA)
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0
10
20
30
40
50
Typical LED Forward Voltage
vs. LED Forward Current
LED Forward Current (mA)
0
1020
304050
0
200
400
600
800
1000
1200
Typical Turn-Off Time
vs. LED Forward Current
(I
L=60mA)
LED Forward Current (mA)
0
1020
304050
306
308
310
312
314
316
318
Typical Turn-On Time
vs. LED Forward Current
(I
L=60mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
400
800
1200
1600
2000
Typical Turn-Off Time
vs. Temperature
(I
L=60mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
150
200
250
300
350
400
450
500
Typical Turn-On Time
vs. Temperature
(I
L=60mA)
I
F=5mA
I
F=2mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com