Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR291 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower Precision Voltage References
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR291 Datasheet HTML 7Page - Analog Devices ADR291 Datasheet HTML 8Page - Analog Devices ADR291 Datasheet HTML 9Page - Analog Devices ADR291 Datasheet HTML 10Page - Analog Devices ADR291 Datasheet HTML 11Page - Analog Devices ADR291 Datasheet HTML 12Page - Analog Devices ADR291 Datasheet HTML 13Page - Analog Devices ADR291 Datasheet HTML 14Page - Analog Devices ADR291 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
REV. B
ADR290/ADR291/ADR292
–12–
Device Power Dissipation Considerations
The ADR29x family of references is guaranteed to deliver load
currents to 5 mA with an input voltage that ranges from 2.7 V
to 15 V (minimum supply voltage depends on output voltage
option). When these devices are used in applications with large
input voltages, care should be exercised to avoid exceeding the
published specifications for maximum power dissipation or junc-
tion temperature that could result in premature device failure.
The following formula should be used to calculate a device’s maxi-
mum junction temperature or dissipation:
P
TT
D
A
A
= J
J
–
θ
In this equation, TJ and TA are the junction and ambient tem-
peratures, respectively, PD is the device power dissipation, and
θJA is the device package thermal resistance.
Basic Voltage Reference Connections
References, in general, require a bypass capacitor connected
from the VOUT pin to the GND pin. The circuit in Figure 2
illustrates the basic configuration for the ADR29x family of ref-
erences. Note that the decoupling capacitors are not required for
circuit stability.
ADR29x
1
2
3
4
8
7
6
5
NC
NC
NC
NC
OUTPUT
NC
0.1 F
0.1 F
10 F
+
NC = NO CONNECT
Figure 2. Basic Voltage Reference Configuration
Noise Performance
The noise generated by the ADR29x family of references is typi-
cally less than 12
µV p-p over the 0.1 Hz to 10 Hz band. TPC
21 shows the 0.1 Hz to 10 Hz noise of the ADR290 which is only
6
µV p-p. The noise measurement is made with a bandpass filter
made of a 2-pole high-pass filter with a corner frequency at 0.1 Hz
and a 2-pole low-pass filter with a corner frequency at 10 Hz.
Turn-On Time
Upon application of power (cold start), the time required for the
output voltage to reach its final value within a specified error band
is defined as the turn-on settling time. Two components nor-
mally associated with this are the time for the active circuits to
settle, and the time for the thermal gradients on the chip to sta-
bilize. TPC 28 shows the turn-on settling time for the ADR291.
THEORY OF OPERATION
The ADR29x series of references uses a new reference generation
technique known as XFET (eXtra implanted junction FET). This
technique yields a reference with low noise, low supply current
and very low thermal hysteresis.
The core of the XFET reference consists of two junction field-
effect transistors, one of which has an extra channel implant to
raise its pinch-off voltage. By running the two JFETs at the
same drain current, the difference in pinch-off voltage can be
amplified and used to form a highly stable voltage reference.
The intrinsic reference voltage is around 0.5 V with a negative
temperature coefficient of about –120 ppm/K. This slope is
essentially locked to the dielectric constant of silicon and can be
closely compensated by adding a correction term generated in
the same fashion as the proportional-to-temperature (PTAT)
term used to compensate bandgap references. The big advantage
over a bandgap reference is that the intrinsic temperature coeffi-
cient is some thirty times lower (therefore less correction is
needed) and this results in much lower noise since most of the
noise of a bandgap reference comes from the temperature com-
pensation circuitry.
The simplified schematic below shows the basic topology of the
ADR29x series. The temperature correction term is provided by
a current source with value designed to be proportional to abso-
lute temperature. The general equation is:
VV
RR
R
R
IR
OUT
P
PTAT
=
++


+
()( )
∆
12
3
1
3
where
∆V
P is the difference in pinch-off voltage between the two
FETs, and IPTAT is the positive temperature coefficient correc-
tion current. The various versions of the ADR29x family are
created by on-chip adjustment of R1 and R3 to achieve 2.048 V,
2.500 V or 4.096 V at the reference output.
The process used for the XFET reference also features vertical
NPN and PNP transistors, the latter of which are used as output
devices to provide a very low drop-out voltage.
VOUT
VIN
IPTAT
GND
R1
R2
R3
I1
I1
*
* EXTRA CHANNEL IMPLANT
VOUT =
R1 + R2 + R3
R1
VP + IPTAT
R3
VP
Figure 1. ADR290/ADR291/ADR292 Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com