Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR381 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR381
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381 Datasheet(HTML) 2 Page - Analog Devices

  ADR381 Datasheet HTML 1Page - Analog Devices ADR381 Datasheet HTML 2Page - Analog Devices ADR381 Datasheet HTML 3Page - Analog Devices ADR381 Datasheet HTML 4Page - Analog Devices ADR381 Datasheet HTML 5Page - Analog Devices ADR381 Datasheet HTML 6Page - Analog Devices ADR381 Datasheet HTML 7Page - Analog Devices ADR381 Datasheet HTML 8Page - Analog Devices ADR381 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
ADR380/ADR381–SPECIFICATIONS
ADR380 ELECTRICAL CHARACTERISTICS (@ V
IN = 5.0 V, TA = 25 C unless otherwise noted.)
ADR380 ELECTRICAL CHARACTERISTICS (@ V
IN = 15.0 V, TA = 25 C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
2.043 2.048
2.053
V
Initial Accuracy Error
VOERR
–5
+5
mV
–0.24
+0.24
%
Temperature Coefficient
TCVO
–40
°C < TA < +85°C5
25
ppm/
°C
0
°C < T
A< 70
°C3
21
ppm/
°C
Minimum Supply Voltage Headroom
VIN – VO
IL
≤ 3 mA
300
mV
Line Regulation
VO/DVIN
VIN = 2.5 V to 15 V
10
25
ppm/V
–40
°C < T
A < +85
°C
Load Regulation
VO/DILOAD
VIN = 3 V, ILOAD = 0 mA to 5 mA
70
ppm/mA
–40
°C < TA < +85°C
Quiescent Current
IIN
No Load
100
120
µA
–40
°C < T
A < +85
°C
140
µA
Voltage Noise
eN
0.1 Hz to 10 Hz
5
µV p-p
Turn-On Settling Time
tR
20
µs
Long-Term Stability
VO
1,000 Hrs
50
ppm
Output Voltage Hysteresis
VO_HYS
40
ppm
Ripple Rejection Ratio
RRR
fIN = 60 Hz
85
dB
Short Circuit to GND
ISC
25
mA
Specifications subject to change without notice.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
2.043 2.048
2.053
V
Initial Accuracy Error
VOERR
–5
+5
mV
–0.24
+0.24
%
Temperature Coefficient
TCVO
–40
°C < T
A < +85
°C5
25
ppm/
°C
0
°C < TA < 70°C3
21
ppm/
°C
Minimum Supply Voltage Headroom
VIN – VO
IL
≤ 3 mA
300
mV
Line Regulation
VO/DVIN
VIN = 2.5 V to 15 V
–40
°C < TA < +85°C1025
ppm/V
Load Regulation
VO/DILOAD
VIN = 3 V, ILOAD = 0 mA to 5 mA
–40
°C < T
A < +85
°C70
ppm/mA
Quiescent Current
IIN
No Load
100
120
µA
–40
°C < T
A < +85
°C
140
µA
Voltage Noise
eN
0.1 Hz to 10 Hz
5
µV p-p
Turn-On Settling Time
tR
20
µs
Long-Term Stability
VO
1,000 Hrs
50
ppm
Output Voltage Hysteresis
VO_HYS
40
ppm
Ripple Rejection Ratio
RRR
fIN = 60 Hz
85
dB
Short Circuit to GND
ISC
25
mA
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com