Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7220KTR Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC7220KTR
Description  Low Charge Injection, 8-Channel High Voltage Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7220KTR Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC7220KTR Datasheet HTML 5Page - IXYS Corporation CPC7220KTR Datasheet HTML 6Page - IXYS Corporation CPC7220KTR Datasheet HTML 7Page - IXYS Corporation CPC7220KTR Datasheet HTML 8Page - IXYS Corporation CPC7220KTR Datasheet HTML 9Page - IXYS Corporation CPC7220KTR Datasheet HTML 10Page - IXYS Corporation CPC7220KTR Datasheet HTML 11Page - IXYS Corporation CPC7220KTR Datasheet HTML 12Page - IXYS Corporation CPC7220KTR Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC7220
R00L
PRELIMINARY
9
2. Functional Description
The CPC7220 takes a serial stream of input data
along with a synchronous clock signal. As the clock
transits from low to high, the data at the input of each
shift register is shifted through from SR(n) to SR(n+1).
A high data bit, a "1," represents an ON switch; a low
data bit, a "0," represents an OFF switch. Data is input
and shifted through the internal shift register until all
eight shift register positions, SR0 through SR7, are in
the desired state.
DIN: The data-in line presents data bits to be shifted
through the internal shift register.
CLK: The clock signal's rising edge is associated only
with shifting data into and through the shift register.
CL: The clear line overrides all other inputs. When CL
is high, the shift register is cleared to all 0s and all
latches are set low, which causes all output switches
to be turned OFF immediately. When CL is low, all
output switches remain in whatever state they are in,
ON or OFF, in response to CLK, latch inputs, and the
LE signal.
LE: latch enable controls the state of the latches and
thus the state of the eight switches. If LE is high, then
the latches do not change states, but retain their most
recent status: either ON or OFF. With LE high, input
data and CLK have no effect on the state of the output
switches. If LE is low, then all latch outputs and their
switch states follow the inputs from the shift register.
LE is overridden by CL: regardless of LE’s state, CL
clears the latches. See “Truth Table” on page 10.
DOUT: The data-out pin is the output of SR7. After
eight clock pulses, the first bit of eight input data bits is
shifted to SR7 and appears on DOUT.
SW0 - SW7: The CPC7220 provides eight
high-voltage SPST output switches with a typical
on-resistance of 20
 The two connections of each
switch are not polarity-sensitive.
VPP and VNN: Voltage inputs to the level shifters for
each switch channel that translate the voltage level of
the latch output signals to an appropriate level for the
voltages being switched.
The high-voltage output switches are turned on and off
in response to the data sent into the latches from the
shift register: data 0 turns a switch OFF, data 1 turns a
switch ON.
Two or more CPC7220 devices can be cascaded to
form an n-switch arrangement. The DOUT pin of the
first is connected to the DIN pin of the next in the
series. All devices are connected to the same clock
(CLK) signal. LE of all devices would normally be
connected, as would CL, but this is not necessary.
The first data bit applied to DIN of the CPC7220,
whether it's a single device or several cascaded
devices, ripples through to the last switch output in line
after the application of a full clocking sequence of 8
clock pulses per CPC7220. Setting the serial I/O
device to output the most significant bit (MSB) first,
results in the MSB appearing on SW7 of the last
device in line after a full clocking sequence..
CL
DIN
CLK
LE
SW0
SW7
SW0
SW7
SW0
SW7
DOUT
LE
CL
DIN
CLK
DOUT
LE
CL
DIN
CLK
DOUT
LE
CL
DIN
CLK
CPC7220
CPC7220
CPC7220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com