Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR290GBC Datasheet(PDF) 3 Page - Analog Devices

Part # ADR290GBC
Description  Low Noise Micropower Precision Voltage References
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR290GBC Datasheet(HTML) 3 Page - Analog Devices

  ADR290GBC Datasheet HTML 1Page - Analog Devices ADR290GBC Datasheet HTML 2Page - Analog Devices ADR290GBC Datasheet HTML 3Page - Analog Devices ADR290GBC Datasheet HTML 4Page - Analog Devices ADR290GBC Datasheet HTML 5Page - Analog Devices ADR290GBC Datasheet HTML 6Page - Analog Devices ADR290GBC Datasheet HTML 7Page - Analog Devices ADR290GBC Datasheet HTML 8Page - Analog Devices ADR290GBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ADR291–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
E GRADE
Output Voltage
VO
IOUT = 0 mA
2.498
2.500 2.502
V
Initial Accuracy
VOERR
–2
+2
mV
–0.08
+0.08
%
F GRADE
Output Voltage
VO
IOUT = 0 mA
2.497
2.500 2.503
V
Initial Accuracy
VOERR
–3
+3
mV
–0.12
+0.12
%
G GRADE
Output Voltage
VO
IOUT = 0 mA
2.494
2.500 2.506
V
Initial Accuracy
VOERR
–6
+6
mV
–0.24
+0.24
%
LINE REGULATION
“E/F” Grades
∆VO/∆VIN
3.0 V to 15 V, IOUT = 0 mA
30
100
ppm/V
“G” Grade
40
125
ppm/V
LOAD REGULATION
“E/F“ Grades
∆VO/∆ILOAD
VS = 5.0 V, 0 mA to 5 mA
30
100
ppm/mA
“G“ Grade
40
125
ppm/mA
LONG-TERM STABILITY
∆VO
After 1000 hrs of Operation @ 125
°C
50
ppm
NOISE VOLTAGE
eN
0.1 Hz to 10 Hz
8
µV p-p
WIDEBAND NOISE DENSITY
eN
@ 1 kHz
480
nV/
√Hz
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT
“E” Grade
TCVO
IOUT = 0 mA
3
8
ppm/
°C
“F” Grade
5
15
ppm/
°C
“G” Grade
10
25
ppm/
°C
LINE REGULATION
“E/F” Grades
∆VO/∆VIN
3.0 V to 15 V, IOUT = 0 mA
35
125
ppm/V
“G” Grade
50
150
ppm/V
LOAD REGULATION
“E/F” Grades
∆V
O/
∆I
LOAD
VS = 5.0 V, 0 mA to 5 mA
20
125
ppm/mA
“G” Grade
30
150
ppm/mA
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT
“E” Grade
TCVO
IOUT = 0 mA
3
10
ppm/
°C
“F” Grade
5
20
ppm/
°C
“G” Grade
10
30
ppm/
°C
LINE REGULATION
“E/F” Grades
∆V
O/
∆V
IN
3.0 V to 15 V, IOUT = 0 mA
40
200
ppm/V
“G” Grade
70
250
ppm/V
LOAD REGULATION
“E/F” Grades
∆V
O/
∆I
LOAD
VS = 5.0 V, 0 mA to 5 mA
20
200
ppm/mA
“G” Grade
30
300
ppm/mA
SUPPLY CURRENT
IS
TA = +25
°C9
12
µA
–40
°C ≤ T
A
≤ +125°C12
15
µA
THERMAL HYSTERESIS
VO–HYS
SO-8, TSSOP-8
50
ppm
Specifications subject to change without notice.
ADR290/ADR291/ADR292
REV. B
–3–
(VS = 3.0 V, TA = +25 C unless otherwise noted)
(VS = 3.0 V, TA = –40 C
≤ TA ≤ +125 C unless otherwise noted)
(VS = 3.0 V, TA = –25 C
≤ TA ≤ +85 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com