Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7232KTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7232KTR
Description  8-Channel HV Analog Switch with Built-in Bleeder Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7232KTR Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7232KTR Datasheet HTML 1Page - IXYS Corporation CPC7232KTR Datasheet HTML 2Page - IXYS Corporation CPC7232KTR Datasheet HTML 3Page - IXYS Corporation CPC7232KTR Datasheet HTML 4Page - IXYS Corporation CPC7232KTR Datasheet HTML 5Page - IXYS Corporation CPC7232KTR Datasheet HTML 6Page - IXYS Corporation CPC7232KTR Datasheet HTML 7Page - IXYS Corporation CPC7232KTR Datasheet HTML 8Page - IXYS Corporation CPC7232KTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC7232
R00J
PRELIMINARY
3
1. Specifications
1.1 Package Pinout, PLCC-28
1.2 Pin Description
4
26
25
19
27
28
2
3
24
23
22
21
20
12
18
17
16
15
14
13
5
11
67
8
910
1
Pin
Name
Description
1SW3
SW3 Output
2SW3
SW3 Output
3SW2
SW2 Output
4SW2
SW2 Output
5SW1
SW1 Output
6SW1
SW1 Output
7SW0
SW0 Output
8SW0
SW0 Output
9
N/C
No connection
10
VPP
Switch positive high voltage supply
11
RGND
Ground for bleed resistors
12
VNN
Switch negative high voltage supply
13
GND
Ground
14
VDD
Logic positive voltage supply
15
N/C
No connection
16
DIN
Serial data input
17
CLK
Clock input, positive edge trigger
18
LE
Latch enable, active low
19
CL
Latch clear, active high clears latches and
opens switches
20
DOUT
Serial data output
21
SW7
SW7 Output
22
SW7
SW7 Output
23
SW6
SW6 Output
24
SW6
SW6 Output
25
SW5
SW5 Output
26
SW5
SW5 Output
27
SW4
SW4 Output
28
SW4
SW4 Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com