Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7583 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC7583
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7583 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC7583_12 Datasheet HTML 1Page - IXYS Corporation CPC7583_12 Datasheet HTML 2Page - IXYS Corporation CPC7583_12 Datasheet HTML 3Page - IXYS Corporation CPC7583_12 Datasheet HTML 4Page - IXYS Corporation CPC7583_12 Datasheet HTML 5Page - IXYS Corporation CPC7583_12 Datasheet HTML 6Page - IXYS Corporation CPC7583_12 Datasheet HTML 7Page - IXYS Corporation CPC7583_12 Datasheet HTML 8Page - IXYS Corporation CPC7583_12 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R07
CPC7583
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 ESD Rating
1.5 General Conditions
Unless otherwise specified, minimum and maximum
values are production testing requirements.
Typical values are characteristic of the device at 25°C
and are the result of engineering evaluations. They are
provided for informational purposes only and are not
part of the manufacturing testing requirements.
Specifications cover the operating temperature range
TA = -40°C to +85°C. Also, unless otherwise specified
all testing is performed with VDD = +5Vdc, logic low
input voltage is 0Vdc and logic high input voltage is
+5Vdc.
Parameter
Minimum Maximum
Unit
Operating temperature
-40
+110
°C
Storage temperature
-40
+150
°C
Operating relative humidity
5
95
%
+5 V power supply (VDD)
-0.3
7
V
Battery Supply
-
-85
V
DGND to FGND
separation
-5
+5
V
Logic input voltage
-0.3
VDD +0.3
V
Logic input to switch output
isolation
-320
V
Switch open contact
isolation (SW1, SW2, SW3,
SW5, SW6, SW7, SW9,
SW10)
-320
V
Switch open contact
isolation (SW4)
-465
V
Switch open contact
isolation (SW8)
-235
V
ESD Rating (Human Body Model)
1000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com