Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7583BA Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7583BA
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7583BA Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7583BA Datasheet HTML 1Page - IXYS Corporation CPC7583BA Datasheet HTML 2Page - IXYS Corporation CPC7583BA Datasheet HTML 3Page - IXYS Corporation CPC7583BA Datasheet HTML 4Page - IXYS Corporation CPC7583BA Datasheet HTML 5Page - IXYS Corporation CPC7583BA Datasheet HTML 6Page - IXYS Corporation CPC7583BA Datasheet HTML 7Page - IXYS Corporation CPC7583BA Datasheet HTML 8Page - IXYS Corporation CPC7583BA Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7583-R07
www.ixysic.com
1
e3
Pb
Not for New Designs
Features
Monolithic IC reliability
Low, matched, R
ON
Eliminates the need for zero-cross switching
Flexible switch timing for transition from ringing
mode to talk mode.
Clean, bounce-free switching
SLIC tertiary protection via integrated current
limiting, voltage clamping and thermal shutdown
5V operation with power consumption < 10.5 mW
Intelligent battery monitor
Logic-level inputs, no external drive circuitry required
Compatible with Legerity 7583/8583 family
Small 28-pin SOIC
Applications
Central office (CO)
Digital Loop Carrier (DLC)
PBX Systems
Digitally Added Main Line (DAML)
Hybrid Fiber Coax (HFC)
Fiber in the Loop (FITL)
Pair Gain System
Channel Banks
Description
The CPC7583 is a monolithic 10-pole line card access
switch in a 28-pin SOIC package. It provides the
necessary functions to replace three 2-Form-C
electromechanical relays on analog line cards and
combined voice and data line cards found in central
office, access, and PBX equipment. The device
contains solid state switches for tip and ring line break,
ringing injection/ringing return, and test access. The
CPC7583 requires only a +5 V supply and offers
break-before-make or make-before-break switch
operation.
Ordering Information
Part #
Description
CPC7583BA
28-Pin SOIC, 29/Tube
CPC7583BATR
28-Pin SOIC, 1000/Reel
CPC7583
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TESTIN
IN
RINGING
IN
TESTOUT
T
SD
LATCH
7
10
8
5
22
6
12
13
14
28
1
24
20
19
23
17
16
15
18
L
A
T
C
H
Switch
Control
Logic
SCR
and
Trip
Circuit
+5 Vdc
SLIC
Secondary
Protection
X
X
X
X
X
X
XX
X SW5
SW7
SW6
SW2
SW4
SW10
SW8
T
TESTIN (T
)
CHANTEST
T
TESTOUT (T
)
DROPTEST
R
TESTOUT (R
)
DROPTEST
R
TESTIN (R
)
CHANTEST
T
RING
SW3
SW9
SW1
300
(min.)
Ω
RINGING
V
BAT
X
Tip
Ring
CPC7583
Line Card Access Switch


Similar Part No. - CPC7583BA

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7583BA CLARE-CPC7583BA Datasheet
193Kb / 16P
Line Card Access Switch
logo
IXYS Corporation
CPC7583BA IXYS-CPC7583BA Datasheet
256Kb / 19P
Monolithic IC reliability
logo
Clare, Inc.
CPC7583BATR CLARE-CPC7583BATR Datasheet
193Kb / 16P
Line Card Access Switch
CPC7583BATR CLARE-CPC7583BATR Datasheet
624Kb / 21P
Line Card Access Switch
logo
IXYS Corporation
CPC7583BATR IXYS-CPC7583BATR Datasheet
256Kb / 19P
Monolithic IC reliability
More results

Similar Description - CPC7583BA

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com