Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR421AR Datasheet(PDF) 1 Page - Analog Devices

Part # ADR421AR
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421AR Datasheet(HTML) 1 Page - Analog Devices

  ADR421AR Datasheet HTML 1Page - Analog Devices ADR421AR Datasheet HTML 2Page - Analog Devices ADR421AR Datasheet HTML 3Page - Analog Devices ADR421AR Datasheet HTML 4Page - Analog Devices ADR421AR Datasheet HTML 5Page - Analog Devices ADR421AR Datasheet HTML 6Page - Analog Devices ADR421AR Datasheet HTML 7Page - Analog Devices ADR421AR Datasheet HTML 8Page - Analog Devices ADR421AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADR420/ADR421/ADR423/ADR425
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Ultraprecision Low Noise, 2.048 V/2.500 V/
3.00 V/5.00 V XFET® Voltage References
PIN CONFIGURATION
Surface-Mount Packages
8-Lead SOIC
8-Lead Mini_SOIC
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NIC = NO INTERNAL CONNECTION
TP = TEST PIN (DO NOT CONNECT)
TP
VIN
NIC
GND
TP
NIC
VOUT
TRIM
ADR42x
FEATURES
Low Noise (0.1 Hz to 10 Hz)
ADR420: 1.75
V p-p
ADR421: 1.75
V p-p
ADR423: 2.0
V p-p
ADR425: 3.4
V p-p
Low Temperature Coefficient: 3 ppm/ C
Long-Term Stability: 50 ppm/1000 Hours
Load Regulation: 70 ppm/mA
Line Regulation: 35 ppm/V
Low Hysteresis: 40 ppm Typical
Wide Operating Range
ADR420: 4 V to 18 V
ADR421: 4.5 V to 18 V
ADR423: 5 V to 18 V
ADR425: 7 V to 18 V
Quiescent Current: 0.5 mA Maximum
High Output Current: 10 mA
Wide Temperature Range: –40 C to +125 C
APPLICATIONS
Precision Data Acquisition Systems
High-Resolution Converters
Battery-Powered Instrumentation
Portable Medical Instruments
Industrial Process Control Systems
Precision Instruments
Optical Network Control Circuits
GENERAL DESCRIPTION
The ADR42x series are ultraprecision second-generation XFET
voltage references featuring low noise, high accuracy, and excellent
long-term stability in a SOIC and Mini_SOIC footprints. Patented
temperature drift curvature correction technique and XFET (eXtra
implanted junction FET) technology minimize nonlinearity of the
voltage change with temperature. The XFET architecture offers
superior accuracy and thermal hysteresis to the bandgap
references. It also operates at lower power and lower supply
headroom than the Buried Zener references.
The superb noise, stable, and accurate characteristics of ADR42x
make them ideal for precision conversion applications such as
optical network and medical equipment. The ADR42x trim
terminal can also be used to adjust the output voltage over a
±0.5% range without compromising any other performance. The
ADR42x series voltage references offer two electrical grades and
are specified over the extended industrial temperature range
of –40
°C to +125°C. Devices are available in 8-lead SOIC-8 or
30% smaller 8-lead Mini_SOIC-8 packages.
XFET is a registered trademark of Analog Devices, Inc.
Table I. ADR42x Products
Output
Initial
ADR420
Voltage
Accuracy
Tempco
Products
VO
mV
%
ppm/
°C
ADR420
2.048
1, 3
0.05, 0.15
3, 10
ADR421
2.50
1, 3
0.04, 0.12
3, 10
ADR423
3.00
1.5, 4
0.04, 0.12
3, 10
ADR425
5.00
2, 6
0.04, 0.12
3, 10


Similar Part No. - ADR421AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR421AR AD-ADR421AR Datasheet
392Kb / 24P
Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARMZ AD-ADR421ARMZ Datasheet
392Kb / 24P
Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARMZ-REEL7 AD-ADR421ARMZ-REEL7 Datasheet
392Kb / 24P
Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARZ AD-ADR421ARZ Datasheet
392Kb / 24P
Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARZ-REEL7 AD-ADR421ARZ-REEL7 Datasheet
392Kb / 24P
Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

Similar Description - ADR421AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380 AD-ADR380 Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com