Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7701KTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7701KTR
Description  16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7701KTR Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7701KTR Datasheet HTML 1Page - IXYS Corporation CPC7701KTR Datasheet HTML 2Page - IXYS Corporation CPC7701KTR Datasheet HTML 3Page - IXYS Corporation CPC7701KTR Datasheet HTML 4Page - IXYS Corporation CPC7701KTR Datasheet HTML 5Page - IXYS Corporation CPC7701KTR Datasheet HTML 6Page - IXYS Corporation CPC7701KTR Datasheet HTML 7Page - IXYS Corporation CPC7701KTR Datasheet HTML 8Page - IXYS Corporation CPC7701KTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7701
R03
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Pin
Name
Description
3
SW4
SW4 Output
4
SW4
SW4 Output
5
SW3
SW3 Output
6
SW3
SW3 Output
7
SW2
SW2 Output
8
SW2
SW2 Output
9
SW1
SW1 Output
10
SW1
SW1 Output
11
SW0
SW0 Output
12
SW0
SW0 Output
13
VNN
Switch Negative High Voltage Supply
15
VPP
Switch Positive High Voltage Supply
17
GND
Ground: All Voltages are Referenced to Ground
18
VDD
Logic Positive Supply Voltage
19
DIN
Serial Data Input
20
CLK
Clock Input, Positive Edge Trigger
21
LE
Latch Enable, Active Low
22
CL
Latch Clear, Active High, Asynchronously
Clears Latches and Opens Switches
23
DOUT
Serial Data Output
24
RGND
Ground for Bleed Resistors, Connect to GND
25
SW15
SW15 Output
26
SW15
SW15 Output
27
SW14
SW14 Output
28
SW14
SW14 Output
29
SW13
SW13 Output
30
SW13
SW13 Output
31
SW12
SW12 Output
32
SW12
SW12 Output
33
SW11
SW11 Output
34
SW11
SW11 Output
37
SW10
SW10 Output
38
SW10
SW10 Output
39
SW9
SW9 Output
40
SW9
SW9 Output
41
SW8
SW8 Output
42
SW8
SW8 Output
43
SW7
SW7 Output
44
SW7
SW7 Output
45
SW6
SW6 Output
46
SW6
SW6 Output
47
SW5
SW5 Output
48
SW5
SW5 Output
1, 2, 14,
16, 35, 36
N/C
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com