Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAA110P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IAA110P
Description  Integrated Telecom Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IAA110P Datasheet(HTML) 2 Page - IXYS Corporation

  IAA110P Datasheet HTML 1Page - IXYS Corporation IAA110P Datasheet HTML 2Page - IXYS Corporation IAA110P Datasheet HTML 3Page - IXYS Corporation IAA110P Datasheet HTML 4Page - IXYS Corporation IAA110P Datasheet HTML 5Page - IXYS Corporation IAA110P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R05
IAA110P
Absolute Maximum Ratings @ 25ºC
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Input Control Current, Relay
50
mA
Total Package Dissipation 1
1W
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.67 mW / ºC
Electrical Characteristics @25ºC: Relay Section
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Blocking Voltage (Peak)
I
L=1AVL
-
-
350
V
P
Load Current
Continuous
-
I
L
-
-
100
mA
rms / mADC
Peak
t=10ms
I
LPK
-
-
350
mA
P
On-Resistance
I
L=100mA
R
ON
--
35
Off-State Leakage Current
V
L=350V, TJ=25ºC
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
3
ms
Turn-Off
t
off
--
3
ms
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-25
-
pF
Input Characteristics
Input Control Current to Activate
I
L=100mA
I
F
--
5
mA
Input Control Current to Deactivate
I
L=1mA
I
F
0.4
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Blocking Voltage
I
C=10ABVCEO
20
50
-
V
Phototransistor Dark Current
V
CE=5V, IF=0mA
I
CEO
-
50
500
nA
Saturation Voltage
I
C=2mA, IF=16mA
V
SAT
-
0.3
0.5
V
Current Transfer Ratio
I
F=6mA, VCE=0.5V
CTR
33
-
-
%
Input Characteristics
Input Control Current
I
C=2mA, VCE=0.5V
I
F
-2
6
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Current (Detector Must be Off)
I
C=1A, VCE=5V
-
5
25
-
A
Capacitance, Input to Output
V
L=50V, f=1MHz
C
I/O
-3
-
pF
Isolation, Input to Output
-
V
I/O
3750
-
-
V
rms
Electrical Characteristics @25ºC: Detector Section



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com