Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAB110P Datasheet(PDF) 5 Page - IXYS Corporation

Part # IAB110P
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IAB110P Datasheet(HTML) 5 Page - IXYS Corporation

  IAB110P Datasheet HTML 1Page - IXYS Corporation IAB110P Datasheet HTML 2Page - IXYS Corporation IAB110P Datasheet HTML 3Page - IXYS Corporation IAB110P Datasheet HTML 4Page - IXYS Corporation IAB110P Datasheet HTML 5Page - IXYS Corporation IAB110P Datasheet HTML 6Page - IXYS Corporation IAB110P Datasheet HTML 7Page - IXYS Corporation IAB110P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
IAB110P
www.ixysic.com
5
R04
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
1-Form-B
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mADC, TA=25ºC)
0.09
0.45
0.81
1.17
0.27
0.63
0.99
Turn-On Time (ms)
25
20
15
10
5
0
1-Form-B
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mADC, TA=25ºC)
0.45
0.81
1.17
1.35
0.99
0.63
0.27
Turn-Off Time (ms)
25
20
15
10
5
0
1-Form-B
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=100mADC, TA=25ºC)
25
20
15
10
5
0
25.5
27.5
29.5
31.5
26.5
28.5
30.5
On-Resistance ( )
1-Form-B
Typical I
F for Switch Operation
(N=50, I
L=100mADC, TA=25ºC)
25
20
15
10
5
0
0.33
0.77
1.21
1.65
0.55
0.99
1.43
LED Current (mA)
1-Form-B
Typical I
F for Switch Dropout
(N=50, I
L=100mADC, TA=25ºC)
25
20
15
10
5
0
0.33
0.77
1.21
0.11
0.55
0.99
1.43
LED Current (mA)
1-Form-B
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
25
20
15
10
5
0
357.5
387.5
417.5
443.5
372.5
402.5
432.5
Blocking Voltage (V
P)
1-Form-B
Turn-On Time vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.30
0.25
0.20
0.15
0.10
0.05
0
50
1-Form-B
Typical Turn-On Time vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
1-Form-B
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
1-Form-B
Turn-Off Time vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
1-Form-B
Typical Turn-Off Time vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
I
F=5mA
I
F=10mA
I
F=20mA
1-Form-B
Typical I
F for Switch Dropout
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
1-FORM-B RELAY PERFORMANCE DATA*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com