Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBB110P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IBB110P
Description  Integrated Telecom Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IBB110P Datasheet(HTML) 1 Page - IXYS Corporation

  IBB110P Datasheet HTML 1Page - IXYS Corporation IBB110P Datasheet HTML 2Page - IXYS Corporation IBB110P Datasheet HTML 3Page - IXYS Corporation IBB110P Datasheet HTML 4Page - IXYS Corporation IBB110P Datasheet HTML 5Page - IXYS Corporation IBB110P Datasheet HTML 6Page - IXYS Corporation IBB110P Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-IBB110P-R04
1
IBB110P
Integrated Telecom Circuits
e3
Pb
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Closed Devices
The IBB110P Multifunction Telecom switch combines
two 350V normally closed (1-Form-B) relays and one
optocoupler in a single package. The relays use
optically coupled MOSFET technology to provide
1500V
rms of input to output isolation. The efficient
MOSFET switches and photovoltaic die use IXYS
Integrated Circuits Division’s patented OptoMOS
architecture, while the optically coupled output is
controlled by highly efficient GaAIAs infrared LEDs.
Circuit designers using the IBB110P can combine
three discrete functions in a single package, thus
using less space than traditional discrete component
solutions.
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook,
Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
3750V
rms Input/Output Isolation
Three Functions in One Package
Bidirectional Current Sensing
Bidirectional Current Switching
FCC Compatible
No EMI/RFI Generation
Small 16-Pin SOIC Package (PCMCIA Compatible)
Machine Insertable, Wave Solderable
Tape & Reel Versions Available
Parameter
Rating
Units
Blocking Voltage
350
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
35
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1305490
EN/IEC 60950-1 Certified Component:
TUV Certificate: B 09 07 49410 006
Part #
Description
IBB110P
16-Pin SOIC (50/Tube)
IBB110PTR
16-Pin SOIC (1000/Reel)
1. (N/C)
2. + LED - Form B Relay #1
3. – LED - Form B Relay #1
4. + LED - Form B Relay #2
5. – LED - Form B Relay #2
6. Emitter - Phototransistor
7. Collector - Phototransistor
8. (N/C)
9. LED - Phototransistor +/–
10. LED - Phototransistor –/+
11. Output - Form B Relay #2
12. Common Source Relay #2
13. Output - Form B Relay #2
14. Output - Form B Relay #1
15. Common Source Relay #1
16. Output - Form B Relay #1
(N/C)
(N/C)
(Form B)
(Form B)
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off


Similar Part No. - IBB110P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IBB110P CLARE-IBB110P Datasheet
383Kb / 6P
Integrated Telecom Circuits
IBB110PTR CLARE-IBB110PTR Datasheet
383Kb / 6P
Integrated Telecom Circuits
More results

Similar Description - IBB110P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
Integrated Telecom Circuits
IAD110P CLARE-IAD110P Datasheet
399Kb / 6P
Integrated Telecom Circuits
IAD112N CLARE-IAD112N Datasheet
375Kb / 4P
Integrated Telecom Circuits
IBB110P CLARE-IBB110P Datasheet
383Kb / 6P
Integrated Telecom Circuits
ITC117P CLARE-ITC117P Datasheet
421Kb / 8P
Integrated Telecom Circuits
ITC135P CLARE-ITC135P Datasheet
415Kb / 8P
Integrated Telecom Circuits
ITC137P CLARE-ITC137P Datasheet
450Kb / 8P
Integrated Telecom Circuits
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
Integrated Telecom Circuits
logo
IXYS Corporation
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com