Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAA100S Datasheet(PDF) 3 Page - IXYS Corporation

Part # LAA100S
Description  Dual Single-Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA100S Datasheet(HTML) 3 Page - IXYS Corporation

  LAA100S Datasheet HTML 1Page - IXYS Corporation LAA100S Datasheet HTML 2Page - IXYS Corporation LAA100S Datasheet HTML 3Page - IXYS Corporation LAA100S Datasheet HTML 4Page - IXYS Corporation LAA100S Datasheet HTML 5Page - IXYS Corporation LAA100S Datasheet HTML 6Page - IXYS Corporation LAA100S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LAA100
www.ixysic.com
3
R02
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=5mA)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical Turn-On Time
(N=50, T
A=25ºC, IL=120mADC, IF=5mA)
1.2
1.4
1.6
1.8
1.3
1.5
1.7
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=120mADC, IF=5mA)
0.06
0.10
0.15
0.19
0.17
0.13
0.08
Turn-Off (ms)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, T
A=25ºC, IL=120mADC)
0.65
0.75
0.85
0.60
0.70
0.80
0.90
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Dropout
(N=50, T
A=25ºC, IL=120mADC)
25
20
15
10
5
0
0.60
0.70
0.80
0.55
0.65
0.75
0.85
LED Current (mA)
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=120mADC)
35
30
25
20
15
10
5
0
13.85
14.15
14.45
14.75
14.00
14.30
14.60
On-Resistance ( )
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
35
30
25
20
15
10
5
0
390
400
410
420
395
405
415
Blocking Voltage (V
P)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=10mA
I
F=5mA
Typical Turn-On vs. LED Forward Current
(T
A=25ºC, IL=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
3.0
2.5
2.0
1.5
1.0
0.5
0
50
0
5
1015202530354045
50
Typical Turn-Off vs. LED Forward Current
(T
A=25ºC, IL=120mADC)
LED Forward Current (mA)
0.30
0.25
0.20
0.15
0.10
0.05
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com