Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAA110LSTR Datasheet(PDF) 1 Page - IXYS Corporation

Part # LAA110LSTR
Description  Dual Single-Pole, Current-Limited OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA110LSTR Datasheet(HTML) 1 Page - IXYS Corporation

  LAA110LSTR Datasheet HTML 1Page - IXYS Corporation LAA110LSTR Datasheet HTML 2Page - IXYS Corporation LAA110LSTR Datasheet HTML 3Page - IXYS Corporation LAA110LSTR Datasheet HTML 4Page - IXYS Corporation LAA110LSTR Datasheet HTML 5Page - IXYS Corporation LAA110LSTR Datasheet HTML 6Page - IXYS Corporation LAA110LSTR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA110L-R09
1
LAA110L
Dual Single-Pole, Current-Limited
OptoMOS® Relay
e3
Pb
Part #
Description
LAA110L
8-Pin DIP (50/Tube)
LAA110LS
8-Pin Surface Mount (50/Tube)
LAA110LSTR
8-Pin Surface Mount (1,000/Reel)
LAA110PL
8-Pin Flat Pack (50/Tube)
LAA110PLTR
8-Pin Flat Pack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
35
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• 3750V
rms Input/Output Isolation
• Current Limiting Device
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
• Small 8-Pin Package
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
LAA110L is a dual normally open (1-Form-A) Solid
State Relay that has two independently controlled,
optically coupled MOSFET switches with an additional
current limiting circuit. The MOSFET switches and
photovoltaic die use optically coupled MOSFET
technology to provide 3750V
rms of input/output
isolation.
The optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This dual switch OptoMOS relay provides a more
compact design solution than discrete single-pole
relays in a variety of applications, and saves board
space by incorporating both switches in a single 8-Pin
package.
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2


Similar Part No. - LAA110LSTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA110LSTR CLARE-LAA110LSTR Datasheet
149Kb / 7P
Dual Pole OptoMOS Relays
logo
Littelfuse
LAA110LSTR LITTELFUSE-LAA110LSTR Datasheet
240Kb / 7P
Current Limiting, Normally Open Relays
11/18/2025
More results

Similar Description - LAA110LSTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LAA120L IXYS-LAA120L_12 Datasheet
135Kb / 7P
Dual Current-Limited, Single Pole OptoMOS Relay
LBA110L IXYS-LBA110L_12 Datasheet
149Kb / 9P
Dual Single-Pole, Combination OptoMOS Relay
LBA120 IXYS-LBA120_12 Datasheet
151Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA120L IXYS-LBA120L_12 Datasheet
140Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA126 IXYS-LBA126_12 Datasheet
152Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA126L IXYS-LBA126L_12 Datasheet
107Kb / 5P
Dual Single-Pole OptoMOS Relay
LBA127 IXYS-LBA127_12 Datasheet
145Kb / 8P
Dual Single-Pole, Combination OptoMOS Relay
LBA127L IXYS-LBA127L_12 Datasheet
135Kb / 8P
Dual Single-Pole, Combination OptoMOS Relay
PBA150 IXYS-PBA150 Datasheet
107Kb / 5P
Dual Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com