Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP2181 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 4 Page - Analog Devices

  ADSP2181 Datasheet HTML 1Page - Analog Devices ADSP2181 Datasheet HTML 2Page - Analog Devices ADSP2181 Datasheet HTML 3Page - Analog Devices ADSP2181 Datasheet HTML 4Page - Analog Devices ADSP2181 Datasheet HTML 5Page - Analog Devices ADSP2181 Datasheet HTML 6Page - Analog Devices ADSP2181 Datasheet HTML 7Page - Analog Devices ADSP2181 Datasheet HTML 8Page - Analog Devices ADSP2181 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
REV. D
ADSP-2181
–4–
• SPORTs support serial data word lengths from 3 to 16 bits
and provide optional A-law and
µ-law companding according
to CCITT recommendation G.711.
• SPORT receive and transmit sections can generate unique
interrupts on completing a data word transfer.
• SPORTs can receive and transmit an entire circular buffer of
data with only one overhead cycle per data word. An interrupt
is generated after a data buffer transfer.
• SPORT0 has a multichannel interface to selectively receive
and transmit a 24- or 32-word, time-division multiplexed,
serial bitstream.
• SPORT1 can be configured to have two external interrupts
(
IRQ0 and IRQ1) and the Flag In and Flag Out signals. The
internally generated serial clock may still be used in this
configuration.
Pin Descriptions
The ADSP-2181 is available in 128-lead TQFP and 128-lead
PQFP packages.
PIN FUNCTION DESCRIPTIONS
#
Pin
of
Input/
Name(s)
Pins
Output Function
Address
14
O
Address Output Pins for Program,
Data, Byte, and I/O Spaces
Data
24
I/O
Data I/O Pins for Program and
Data Memory Spaces (8 MSBs
Are Also Used as Byte Space
Addresses)
RESET
1
I
Processor Reset Input
IRQ2
1
I
Edge- or Level-Sensitive
Interrupt Request
IRQL0,
IRQL1
2
I
Level-Sensitive Interrupt
Requests
IRQE
1
I
Edge-Sensitive Interrupt
Request
BR
1
I
Bus Request Input
BG
1
O
Bus Grant Output
BGH
1
O
Bus Grant Hung Output
PMS
1
O
Program Memory Select Output
DMS
1
O
Data Memory Select Output
BMS
1
O
Byte Memory Select Output
IOMS
1
O
I/O Space Memory Select Output
CMS
1
O
Combined Memory Select Output
RD
1
O
Memory Read Enable Output
WR
1
O
Memory Write Enable Output
MMAP
1
I
Memory Map Select Input
BMODE
1
I
Boot Option Control Input
CLKIN,
XTAL
2
I
Clock or Quartz Crystal Input
#
Pin
of
Input/
Name(s)
Pins
Output Function
CLKOUT
1
O
Processor Clock Output
SPORT0
5
I/O
Serial Port I/O Pins
SPORT1
5
I/O
Serial Port 1 or Two External
IRQs, Flag In and Flag Out
IRD, IWR 2
I
IDMA Port Read/Write Inputs
IS
1
I
IDMA Port Select
IAL
1
I
IDMA Port Address Latch
Enable
IAD
16
I/O
IDMA Port Address/Data Bus
IACK
1
O
IDMA Port Access Ready
Acknowledge
PWD
1
I
Power-Down Control
PWDACK 1
O
Power-Down Control
FL0, FL1,
FL2
3
O
Output Flags
PF7:0
8
I/O
Programmable I/O Pins
EE
1
*
(Emulator Only*)
EBR
1
*
(Emulator Only*)
EBG
1
*
(Emulator Only*)
ERESET
1
*
(Emulator Only*)
EMS
1
*
(Emulator Only*)
EINT
1
*
(Emulator Only*)
ECLK
1
*
(Emulator Only*)
ELIN
1
*
(Emulator Only*)
ELOUT
1
*
(Emulator Only*)
GND
11
Ground Pins
VDD
6
Power Supply Pins
*These ADSP-2181 pins must be connected only to the EZ-ICE connector in
the target system. These pins have no function except during emulation, and
do not require pull-up or pull-down resistors.
Interrupts
The interrupt controller allows the processor to respond to the
eleven possible interrupts and reset with minimum overhead.
The ADSP-2181 provides four dedicated external interrupt
input pins,
IRQ2, IRQL0, IRQL1 and IRQE. In addition,
SPORT1 may be reconfigured for
IRQ0, IRQ1, FLAG_IN and
FLAG_OUT, for a total of six external interrupts. The ADSP-
2181 also supports internal interrupts from the timer, the byte
DMA port, the two serial ports, software and the power-down
control circuit. The interrupt levels are internally prioritized and
individually maskable (except power down and reset). The
IRQ2, IRQ0 and IRQ1 input pins can be programmed to be
either level- or edge-sensitive.
IRQL0 and IRQL1 are level-
sensitive and
IRQE is edge sensitive. The priorities and vector
addresses of all interrupts are shown in Table I.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com