Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBA110PL Datasheet(PDF) 1 Page - IXYS Corporation

Part # LBA110PL
Description  Dual Single-Pole, Combination OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA110PL Datasheet(HTML) 1 Page - IXYS Corporation

  LBA110PL Datasheet HTML 1Page - IXYS Corporation LBA110PL Datasheet HTML 2Page - IXYS Corporation LBA110PL Datasheet HTML 3Page - IXYS Corporation LBA110PL Datasheet HTML 4Page - IXYS Corporation LBA110PL Datasheet HTML 5Page - IXYS Corporation LBA110PL Datasheet HTML 6Page - IXYS Corporation LBA110PL Datasheet HTML 7Page - IXYS Corporation LBA110PL Datasheet HTML 8Page - IXYS Corporation LBA110PL Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LBA110L-R06
1
LBA110L
Dual Single-Pole, Combination
OptoMOS® Relay
e3
Pb
Part #
Description
LBA110L
8-Pin DIP (50/Tube)
LBA110PL
8-Pin Flatpack (50/Tube)
LBA110PLTR
8-Pin Flatpack (1000/Reel)
LBA110LS
8-Pin Surface Mount (50/Tube)
LBA110LSTR
8-Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
±120
mA
rms / mADC
On-Resistance (max)
35
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
3750V
rms Input/Output Isolation
Normally Open Relay is a Current-Limiting Device
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 8-Pin Package
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Versions Available
LBA110L is a combination device comprising one
normally open (1-Form-A) and one normally closed
(1-Form-B) solid state relays. Both relays are
independent, 350V, 120mA, 35
 devices designed to
provide an ideal solution where a complementary relay
pair (1-Form-A / 1-Form-B) is required.
The normally open (1-Form-A) relay is configured as a
current-limiting device.
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 004
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket
Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
1
2
3
4
8
7
6
5
+ Control - Normally Closed
– Control - Normally Closed
+ Control - Normally Open
– Control - Normally Open
Normally Closed Pole
Normally Open Pole
Switching Characteristics of
Normally Open
(Form A) Devices
Switching Characteristics of
Normally Closed
(Form B) Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off


Similar Part No. - LBA110PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LBA110PL CLARE-LBA110PL Datasheet
163Kb / 8P
DUAL POLE OptoMOS Relay
LBA110PLTR CLARE-LBA110PLTR Datasheet
163Kb / 8P
DUAL POLE OptoMOS Relay
More results

Similar Description - LBA110PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LBA120 IXYS-LBA120_12 Datasheet
151Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA120L IXYS-LBA120L_12 Datasheet
140Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA126 IXYS-LBA126_12 Datasheet
152Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA126L IXYS-LBA126L_12 Datasheet
107Kb / 5P
Dual Single-Pole OptoMOS Relay
LBA127 IXYS-LBA127_12 Datasheet
145Kb / 8P
Dual Single-Pole, Combination OptoMOS Relay
LBA127L IXYS-LBA127L_12 Datasheet
135Kb / 8P
Dual Single-Pole, Combination OptoMOS Relay
PBA150 IXYS-PBA150 Datasheet
107Kb / 5P
Dual Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com